Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2840 Datasheet(PDF) 2 Page - Harris Corporation

Part # HA-2840
Description  600MHz, Very High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HA-2840 Datasheet(HTML) 2 Page - Harris Corporation

  HA-2840 Datasheet HTML 1Page - Harris Corporation HA-2840 Datasheet HTML 2Page - Harris Corporation HA-2840 Datasheet HTML 3Page - Harris Corporation HA-2840 Datasheet HTML 4Page - Harris Corporation HA-2840 Datasheet HTML 5Page - Harris Corporation HA-2840 Datasheet HTML 6Page - Harris Corporation HA-2840 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range
HA-2840-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
HA-2840-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Recommended Supply Voltage Range . . . . . . . . . . . .
±7V to ±15V
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
14 Lead PDIP Package . . . . . . . . . . . . . .
80
N/A
8 Lead CERDIP Package . . . . . . . . . . . . .
135
50
8 Lead PDIP Package . . . . . . . . . . . . . . .
96
N/A
8 Lead SOIC Package . . . . . . . . . . . . . . .
157
N/A
Maximum Internal Quiescent Power Dissipation (Note 1)
Maximum Junction Temperature (Ceramic Package) . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation with load conditions must be designed to maintain the maximum junction temperature below 175oC for ceramic
packages and below 150oC for plastic packages.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications VSUPPLY = ±15V, RL = 1kΩ, CL ≤ 10pF, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP (oC)
HA-2840-5, -9
UNITS
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage (Note 8)
25
-
0.6
2
mV
Full
-
2
6
mV
Average Offset Voltage Drift
Full
-
20
-
µV/oC
Bias Current (Note 8)
25
-
5
14.5
µA
Full
-
8
20
µA
Offset Current
25
-
1
4
µA
Full
-
-
8
µA
Input Resistance
25
-
10
-
k
Input Capacitance
25
-
1
-
pF
Common Mode Range
Full
±10
-
-
V
Input Noise Voltage (Note 8)
f = 1kHz, RSOURCE = 0Ω
25
-
6
-
Input Noise Current (Note 8)
f = 1kHz, RSOURCE = 10kΩ
25
-
6
-
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
Note 3
25
20
25
-
kV/V
Full
15
20
-
kV/V
Common-Mode Rejection Ratio (Note 8)
VCM = ±10V
Full
75
80
-
dB
Minimum Stable Gain
25
10
-
-
V/V
Gain Bandwidth Product (Note 8)
VO = 90mV, AV = +100
25
-
600
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 8)
Note 3
Full
±10
-
-
V
Output Current (Note 8)
Note 3
Full
±10
±20
-
mA
Output Resistance
25
-
30
-
Full Power Bandwidth (Note 4)
Note 3
25
8.7
10
-
MHz
Differential Gain (Note 7)
AV = 10
25
-
0.03
-
%
nV
Hz
pA
Hz
HA-2840


Similar Part No. - HA-2840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2840 INTERSIL-HA-2840 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2840/883 INTERSIL-HA-2840/883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2840883 INTERSIL-HA-2840883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
More results

Similar Description - HA-2840

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
134Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com