Electronic Components Datasheet Search |
|
HA3-2840-9 Datasheet(PDF) 1 Page - Harris Corporation |
|
HA3-2840-9 Datasheet(HTML) 1 Page - Harris Corporation |
1 / 7 page 1 Semiconductor CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. Copyright © Harris Corporation 1998 HA-2840 600MHz, Very High Slew Rate Operational Amplifier The HA-2840 is a wideband, very high slew rate, operational amplifier featuring superior speed and bandwidth characteristics. Bipolar construction, coupled with dielectric isolation, delivers outstanding performance in circuits with a closed loop gain of 10 or greater. A 625V/ µs slew rate and a 600MHz gain bandwidth product ensure high performance in video and RF amplifier designs. Differential gain and phase are a low 0.03% and 0.03 degrees respectively, making the HA-2840 ideal for video applications. A full ±10V output swing, high open loop gain, and outstanding AC parameters, make the HA-2840 an excellent choice for high speed Data Acquisition Systems. The HA-2840 is available in commercial and industrial temperature ranges, and a choice of packages. See the “Ordering Information” below for more information. For military grade product, refer to the HA-2840/883 data sheet. Features • Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 13mA • Very High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 625V/ µs • Open Loop Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 25kV/V • Wide Gain-Bandwidth (AV ≥ 10) . . . . . . . . . . . . . . 600MHz • Full Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . 10MHz • Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .0.6mV • Differential Gain/Phase. . . . . . . . . . . 0.03%/0.03 Degrees • Enhanced Replacement for EL2039 Applications • Pulse and Video Amplifiers • Wideband Amplifiers • High Speed Sample-Hold Circuits • RF Oscillators Pinouts HA-2840 (CERDIP, PDIP, SOIC) TOP VIEW HA-2840 (PDIP) TOP VIEW NOTE: No Connection (NC) pins may be tied to a ground plane for better isolation and heat dissipation. Part Number Information PART NUMBER (BRAND) TEMP. RANGE (oC) PACKAGE PKG. NO. HA3B2840-5 0 to 75 14 Ld PDIP E14.3 HA3-2840-5 0 to 75 8 Ld PDIP E8.3 HA9P2840-5 (H28405) 0 to 75 8 Ld SOIC M8.15 HA3B2840-9 -40 to 85 14 Ld PDIP E14.3 HA7-2840-9 -40 to 85 8 Ld CERDIP F8.3A HA3-2840-9 -40 to 85 8 Ld PDIP E8.3 NC -IN +IN V- 1 2 3 4 8 7 6 5 NC V+ OUT NC NC NC NC -IN +IN V- NC NC NC NC V+ OUT NC NC 1 2 3 4 5 6 7 14 13 12 11 10 9 8 September 1998 File Number 2842.3 OBSOLETE PRODUCT See HA-2540 or HA-2850 |
Similar Part No. - HA3-2840-9 |
|
Similar Description - HA3-2840-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |