Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM8517P Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM8517P
Description  Battery-Powered Portable Equipments
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM8517P Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM8517P Datasheet HTML 1Page - Union Semiconductor, Inc. UM8517P Datasheet HTML 2Page - Union Semiconductor, Inc. UM8517P Datasheet HTML 3Page - Union Semiconductor, Inc. UM8517P Datasheet HTML 4Page - Union Semiconductor, Inc. UM8517P Datasheet HTML 5Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jun.2016
4/5
UM8517
Package Information
UM8517P SOT323
Outline Drawing
c
θ
End View
Side View
b
D
e
e1
1
2
3
Top View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Typ
Max
Min
Typ
Max
A
0.90
-
1.10
0.035
-
0.043
A1
0.00
0.05
0.10
0.000
0.002
0.004
A2
0.90
-
1.00
0.035
-
0.039
b
0.20
0.30
0.40
0.008
0.012
0.016
c
0.08
-
0.18
0.003
-
0.007
D
1.80
2.15
2.20
0.071
0.085
0.087
E
1.15
1.30
1.35
0.045
0.051
0.053
E1
2.00
-
2.45
0.079
-
0.096
e
0.65BSC
0.026BSC
e1
1.20
1.30
1.40
0.047
0.051
0.055
L
0.25
-
0.46
0.010
-
0.018
θ
-
-
Land Pattern
0.35
0.65
0.65
NOTES:
1. Compound dimension: 2.15×1.30.
2. Unit: mm.
3. General tolerance ±0.05mm unless otherwise
specified.
4. The layout is just for reference.
Tape and Reel Orientation
VMB


Similar Part No. - UM8517P

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM8511 UNIONSEMI-UM8511 Datasheet
282Kb / 7P
   8 Line ESD/EMI Protections for Color LCD Interfaces
UM8511 UNIONSEMI-UM8511 Datasheet
402Kb / 12P
   Multi-line ESD/EMI Protections for Signal Lines
UM8515 UNIONSEMI-UM8515 Datasheet
327Kb / 5P
   20V P-Channel Power MOSFET
UM8515 UNIONSEMI-UM8515_16 Datasheet
151Kb / 5P
   20V P-Channel Power MOSFET
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
   20V P-Channel Power MOSFET
More results

Similar Description - UM8517P

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Renesas Technology Corp
ISL88705 RENESAS-ISL88705 Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
Advanced Monolithic Sys...
AMS6816 AMS-AMS6816 Datasheet
339Kb / 5P
   Battery powered equipment
logo
International Rectifier
IRF135S203 IRF-IRF135S203 Datasheet
585Kb / 12P
   Battery powered circuits
logo
Infineon Technologies A...
IRF60B217 INFINEON-IRF60B217 Datasheet
234Kb / 10P
   Battery powered circuits
2016-01-05
IRF60R217 INFINEON-IRF60R217 Datasheet
476Kb / 11P
   Battery powered circuits
2016-01-05
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
logo
Shenzhen Huazhimei Semi...
HM6220 HMSEMI-HM6220 Datasheet
451Kb / 6P
   Battery-powered equipment
logo
Advanced Monolithic Sys...
AMS6206 AMS-AMS6206 Datasheet
376Kb / 6P
   Battery powered equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com