Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEP1112 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP1112
Description  Pulse transformer for Industry
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP1112 Datasheet(HTML) 1 Page - Sumida Corporation

  CEP1112 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CEP1112
Rev 1.0 (25 Jul. 2016)
www.sumida.com
Page 1 of 1
◆ Outline
 Pulse transformer for Industry.
◆ Application
 Battery management system of Industry
◆ Features
 SMD Type and 11mm square.
 High withstand Voltage
: 4,000Vrms
 Operating temperature
: - 40deg. ~ +125deg.
Specifications
Dimension (mm)
Connection
Land Patterns
(mm)
Item
Specification
Testing condition
Inductance
(1-4)
Min.
613
μH
10 kHz,
20mV
Stray Capacitance
(1-4)
Max.
15.6 pF
6 MHz,
20mV
Interwinding Capacitance
(1~4-5~8)
Max.
2.2
pF
100 kHz,
20mV
Leakage Inductance
(1-4)
Max.
34.8
μH
10kHz, 20mV, (5
~8)shorted
D.C.R.
(1-4)
Max. 1.38
ohm
at 20 deg.
Withstand Voltage
(1~4-5~8)
AC4,000V,
60sec
0.5mA, 50Hz/60Hz
Turn Ratio
(1-4:5-8)
1:1
-
(2,3) and (6,7)
Pattern short
Bottom view


Similar Part No. - CEP1112

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP1112 SUMIDA-CEP1112 Datasheet
421Kb / 2P
   Pulse transformer for Industry.
CEP1112 SUMIDA-CEP1112_17 Datasheet
421Kb / 2P
   Pulse transformer for Industry.
More results

Similar Description - CEP1112

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP1112 SUMIDA-CEP1112_17 Datasheet
421Kb / 2P
   Pulse transformer for Industry.
CEEH86 SUMIDA-CEEH86 Datasheet
182Kb / 1P
   Pulse transformer for Automobiles
CEEH96B SUMIDA-CEEH96B Datasheet
227Kb / 1P
   Pulse transformer for Automobiles
CEEH66 SUMIDA-CEEH66 Datasheet
169Kb / 1P
   Pulse transformer for Automobiles.
CLP0917 SUMIDA-CLP0917 Datasheet
57Kb / 1P
   LAN pulse transformer for 1000Base
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com