Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1532 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD1532
Description  isc Silicon NPN Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1532 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1532 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1532 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Darlington Power Transistor
2SD1532
DESCRIPTION
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 120V(Min)
·
High DC Current Gain
: hFE= 1000(Min) @ IC= 2A, VCE= 4V
·
Fast Switching Speed
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for general purpose amplifier and low speed
switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
4
A
ICM
Collector Current-Peak
8
A
IB
Base Current
120
mA
PC
Collector Power Dissipation
TC=25℃
30
W
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150


Similar Part No. - 2SD1532

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1530 ISC-2SD1530 Datasheet
254Kb / 2P
   isc Silicon NPN Power Transistor
2SD1531 ISC-2SD1531 Datasheet
251Kb / 2P
   isc Silicon NPN Power Transistor
2SD1533 ISC-2SD1533 Datasheet
135Kb / 2P
   Wide Area of Safe Operation
logo
Panasonic Semiconductor
2SD1535 PANASONIC-2SD1535 Datasheet
65Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For high power amplification)
logo
Inchange Semiconductor ...
2SD1535 ISC-2SD1535 Datasheet
73Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1532

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com