Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFE-1001R Datasheet(PDF) 2 Page - Level One

Part # PFE-1001R
Description  100 Mbps Data Transfer Rate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

PFE-1001R Datasheet(HTML) 2 Page - Level One

  PFE-1001R Datasheet HTML 1Page - Level One PFE-1001R Datasheet HTML 2Page - Level One PFE-1001R Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.level1.com
I one world_one brand_one level_
Media Converter
3
Technical Specifications
PFE-1001T
PFE-1101T
PFE-1001R
PFE-1004R
PFE-1011R
PFE-1014R
IEEE 802.3 10-BASE-T, Ethernet, IEEE 802.3u 100-BASE-TX, Fast Ethernet
128KB
-
-
1~4 PoE Dip Switch
-
1~4 PoE Dip Switch
Power, LAN, Fiber, PoE, ALM
Power, LAN, Fiber, PoE
Store-and-Forward
-
133 x 90 x 28mm
240 x 200 x 72mm
250 g
1Kg
1K
10/100Mbps
100Mbps port - 148,000pps,10Mbps port - 14,880pps
Flow Control: Half Duplex - Backpressure; Full Duplex - Pause frame
-
Operating: 0°C ~ 50°C
Operating: -40°C ~ 60°C
Storage: 0°C ~ 60°C
Storage: 0°C ~ 60°C
Storage: 5% ~ 90%
Operating: 10% ~ 90%
CE/FCC
Desktop and wall-mountable
wall-mountable
Model No
Standards & Protocols
Buffer Memory
Connectors and Cabling
Button
Indicator
Transmission Method
Power
Dimensions (W x D x H mm)
Weight (g)
MAC Address Table
Data Transfer Rate
Packet Forwarding Rate
General
PoE
Temperature (°C)
Humidity (Non-condensing)
Approval and Compliance
Deployment
1 x 10/100Base-TX RJ-45 Port
2km Multi Fiber Optic LC Port
DC Jack Input Port
Terminal Block Output Port
1 x 10/100Base-TX
RJ-45 PoE Port
2km Multi Fiber
Optic LC Port
Terminal Block
Input Port
4 x 10/100Base-TX
RJ-45 PoE Ports
2km Multi Fiber
Optic LC Port
Terminal Block
Input Port
1 x 10/100Base-TX
RJ-45 PoE Port
2km Multi Fiber
Optic LC Port
Terminal Block
Input Port
4 x 10/100Base-TX
RJ-45 PoE Ports
2km Multi Fiber
Optic LC Port
Terminal Block
Input Port
Power Consumption:
56V/ 65W
Power Input:
100-240V AC, 50-60
Hz, External Power
Supply
Power Consumption:
56V/ 120W
Power Input:
100-240V AC, 50-60
Hz, External Power
Supply
Dimension Diagram
LAN
PoE IP
Camera
Hybrid Fiber Cable (300m~2Km)
(Fiber & Copper Conductor)
PFE-1001T
PFE-1001R
Ethernet Cable (RJ 45)
PoE
Fiber
Hybrid Fiber Cable (Data + Power)
PoE Compatible: IEEE 802.3at/af Power over Ethernet / PSE
PoE over current protection
PoE circuit sorting protection
PoE Power Output: Per Port 56V DC, Max. 20W~60W for 450m~2Km (High Power)
Power Pin Assignment: 4/5(+), 7/8(-)


Similar Part No. - PFE-1001R

ManufacturerPart #DatasheetDescription
logo
Level One
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
   PoE Extender over Hybrid Fiber
More results

Similar Description - PFE-1001R

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Littelfuse
SP03-XBTG LITTELFUSE-SP03-XBTG Datasheet
159Kb / 1P
   10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)
logo
Qorvo, Inc
DWM1001 QORVO-DWM1001 Datasheet
1Mb / 30P
   6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
logo
Epson Company
S2R72V18 EPSON-S2R72V18 Datasheet
389Kb / 37P
   Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
   Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
logo
Applied Micro Circuits ...
CS5920 AMCC-CS5920 Datasheet
2Mb / 160P
   Full 132 Mbytes/sec Transfer Rate
logo
Littelfuse
SPLV2.8-4BTG LITTELFUSE-SPLV2.8-4BTG Datasheet
152Kb / 1P
   1000 relates to the data rate in Mbps (i.e. 1000Mbps)
logo
I-PEX Inc.
20453-2XXT-03 I-PEX-20453-2XXT-03 Datasheet
1Mb / 10P
   High-Data-Rate Transfer, Ideal for USB4/Thunderbolt 4 (20 Gbps/lane) Applications
Rev.33
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com