Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEP-2651 Datasheet(PDF) 1 Page - Level One

Part # GEP-2651
Description  DHCP Client/Server
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GEP-2651 Datasheet(HTML) 1 Page - Level One

  GEP-2651 Datasheet HTML 1Page - Level One GEP-2651 Datasheet HTML 2Page - Level One GEP-2651 Datasheet HTML 3Page - Level One GEP-2651 Datasheet HTML 4Page - Level One GEP-2651 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GEP-2651 하드웨어 버전: 1
26-Port Web Smart Gigabit PoE Switch, 24 PoE
Outputs, 2 x SFP/RJ45 Combo, 185W
GEP-2651 Web Smart Gigabit PoE Switch is a next-generation Ethernet Switch offering powerful L2 features, Layer 3
Static Route, better PoE functionality and usability that delivers the cost-effectively business and transports Ethernet
services via fiber or copper connections. GEP-2651 delivers 24 (10M/100M/1G) RJ45/PoE+ (Support 802.3at/af, and
total up to 185W) ports and 2 Combo GbE RJ45/SFP ports. GEP-2651 provides high HW performance and
environment flexibility for SMBs and Enterprises. GEP-2651 is ideal to deliver management simplicity, optimum user
experience, and lower total cost of ownership. The embedded Device Managed System is designed to be extremely easy-
to-use/manage/install IP Phone, IP Cam, or Wifi-AP for Enterprise Applications.
Key Features
- 24 PoE-plus 개의 기가비트 이더넷 포트 + 2 기가비트 SFP
- 트래픽 우선순위 지정 및 대역폭 관리를 위한 QoS 제어
- DHCP Client/Server
- IPv6 네트워크 운용으로 관리되고 배치됨
- 고급 에너지 효율 기술로 탄소 발자국을 최소화(IEEE 802.3az)
- IEEE 802.1d/w/s 신장 트리 프로토콜(STP) 및 포트 미러링
- IP Multicast Filtering through IGMP Snooping V1 / V2 / V3
- Supports port-based VLAN, IEEE 802.1Q VLAN Tagging
- 자동 포트 애그리게이트용 IEEE 802.3ad LACP
제품사양
System Specifications
Standards & Protocols:
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3ab 1000BASE-T, Gigabit Ethernet
IEEE 802.3z 1000BASE-X,Gigabit Ethernet
IEEE 802.1p Quality of Service (QoS)
IEEE 802.1X Port-based Network Access Control (PNAC)
IEEE 802.1Q Virtual LANs (VLANs)
IEEE 802.1D MAC Bridges
IEEE 802.1d Standard Spanning Tree Protocol
IEEE 802.1s Multiple Spanning Tree (MSTP)
IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
IEEE 802.3ad Link Aggregation Control Protocol (LACP)
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.3at Power over Ethernet Plus (PoE+)
IEEE 802.3az Energy-Efficient Ethernet
Link Layer Discovery Protocol (LLDP)
www.level1.com
Page 1 of 5


Similar Part No. - GEP-2651

ManufacturerPart #DatasheetDescription
logo
Level One
GEP-2650 LVL1-GEP-2650 Datasheet
94Kb / 3P
   26-Port Web Smart Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 370W, 2 x SFP
More results

Similar Description - GEP-2651

ManufacturerPart #DatasheetDescription
logo
Level One
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
   DHCP Client/Server
GEL-2681 LVL1-GEL-2681 Datasheet
379Kb / 4P
   DHCP Client/Server
GEP-2681 LVL1-GEP-2681 Datasheet
409Kb / 5P
   DHCP Client/Server
logo
PHOENIX CONTACT
2702331 PHOENIX-2702331 Datasheet
83Kb / 5P
   DHCP client, DHCP server (pool-based and port-based), DHCP option 82
2702333 PHOENIX-2702333 Datasheet
83Kb / 5P
   DHCP client, DHCP server (pool-based and port-based), DHCP option 82
2701420 PHOENIX-2701420 Datasheet
75Kb / 5P
   DHCP client, DHCP server (pool-based and port-based), DHCP option 82
logo
Prosoft-Technology
MVI46-DFNT PROSOFT-MVI46-DFNT Datasheet
96Kb / 2P
   EtherNet/IP Client/Server Communication Module
logo
PHOENIX CONTACT
2701453 PHOENIX-2701453 Datasheet
54Kb / 2P
   Software - VL PORTICO SERVER 1 CLIENT
2701456 PHOENIX-2701456 Datasheet
55Kb / 2P
   Software - VL PORTICO SERVER 16 CLIENT
2701455 PHOENIX-2701455 Datasheet
55Kb / 2P
   Software - VL PORTICO SERVER 4 CLIENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com