Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7005S17GGB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7005S17GGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005S17GGB Datasheet(HTML) 4 Page - Integrated Device Technology

  7005S17GGB Datasheet HTML 1Page - Integrated Device Technology 7005S17GGB Datasheet HTML 2Page - Integrated Device Technology 7005S17GGB Datasheet HTML 3Page - Integrated Device Technology 7005S17GGB Datasheet HTML 4Page - Integrated Device Technology 7005S17GGB Datasheet HTML 5Page - Integrated Device Technology 7005S17GGB Datasheet HTML 6Page - Integrated Device Technology 7005S17GGB Datasheet HTML 7Page - Integrated Device Technology 7005S17GGB Datasheet HTML 8Page - Integrated Device Technology 7005S17GGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
4
Truth Table I: Non-Contention Read/Write Control
Recommended DC Operating
Conditions
Maximum Operating Temperature
and Supply Voltage(1,2)
Absolute Maximum Ratings(1)
Capacitance(1) (TA = +25°C, f = 1.0MHz)
Truth Table II: Semaphore Read/Write Control(1)
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from I/O0 - I/O7. These eight semaphores are addressed by A0 - A2.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
2
Industrial temperature: for specific speeds, packages and powers contact
your sales office.
NOTE:
1. A0L – A12L is not equal to A0R – A12R
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
maycausepermanentdamagetothedevice.Thisisastressratingonlyandfunctional
operation of the device at these or any other conditions above
thoseindicatedintheoperationalsectionsofthisspecificationisnotimplied.Exposureto
absolutemaximumratingconditionsforextendedperiodsmayaffectreliability.
2. VTERMmustnotexceedVcc+10%formorethan25%ofthecycletimeor10%maximum,
and is limited to < 20mA for the period of VTERM> Vcc+10%.
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
NOTES:
1. Theseparametersaredeterminedbydevicecharacterizationbutarenotproductiontested
(TQFPPackageonly).
2. 3dVreferencestheinterpolatedcapacitancewhentheinputandoutputsignalsswitchfrom
0Vto3Vorfrom3Vto0V.
Inputs(1)
Outputs
Mode
CE
R/W
OE
SEM
I/O0-7
H
X
X
H
High-Z
Deselected: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
LH
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
2738 tbl 02
Inputs(1)
Outputs
Mode
CE
R/W
OE
SEM
I/O0-7
HH
L
L
DATAOUT
Read in Semaphore Flag Data Out
H
XL
DATAIN
Write I/Oo into Semaphore Flag
LX
X
L
____
Not Allowed
2738 tbl 03
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect to
GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature Under
Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output Current
50
50
mA
2738 tbl 04
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to+125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OCOV
5.0V
+ 10%
2738 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2738 tbl 06
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2738 tbl 07


Similar Part No. - 7005S17GGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7005S17GGB IDT-7005S17GGB Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7005S17GGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com