Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEP-1612 Datasheet(PDF) 1 Page - Level One

Part # FEP-1612
Description  Simple Plug and Play installation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FEP-1612 Datasheet(HTML) 1 Page - Level One

  FEP-1612 Datasheet HTML 1Page - Level One FEP-1612 Datasheet HTML 2Page - Level One FEP-1612 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
16-Port Fast Ethernet
PoE Plus Switch
FEP-1612
LevelOne FEP-1612 features 16 10/100Mbps Fast
Ethernet ports with IEEE 802.3at/af PoE interfaces. It
supports MDI / MDI-X convertible on 16 10/100Mbps
ports and provides PoE inject function on PoE ports
which are able to IEEE 802.3af or 802.3at compliant
powered devices remotely.
The FEP-1612 equipped with the MDI/MDI-X auto
detection for easily plug and play connection,
regardless of cabling types in straight through or
crossover. It also provides a simple, cost-effective, and
highly reliable network connection for data and power
transmission. Furthermore, it is the ideal device for
bridging among Ethernet, Fast Ethernet workgroups
and networks. It fits all kind of Ethernet installations
such as campus, workgroup, department, enterprise,
telecom or industrial applications.
The FEP-1612 features non-blocking 3.2Gbps
backplane that greatly simplifies the tasks of
upgrading your LAN for catering to increase
bandwidth demands.
Key Features
- IEEE 802.3at PoE Plus compliant to simplify
deployment and installation
- Auto-detection and protection of non-standard PoE
devices
- Supports auto-negotiation and auto-MDI/MDI-X
cable detection on each port
- Store-and-Forward architecture to ensure error-free
communications
- IEEE 802.3x flow control protects against lost packets
for reliable data transmission
- 19-inch metal housing
- Simple Plug and Play installation
- Total PoE power budget: 480W, up to 30W per port
- Internal power supply
FCS-5061
Day/Night 5-Megapixel PoE
Plus Outdoor Network Camera
Related Products
1. LED Indicators
2. 10/100Mbps RJ-45 PoE Ports
3. Power Socket
4. Power On / Off Switch
H/W Version: 1
2
1
3 4
WAP-6012
300Mbps Wireless Gigabit PoE
Access Point


Similar Part No. - FEP-1612

ManufacturerPart #DatasheetDescription
logo
Level One
FEP-1611 LVL1-FEP-1611 Datasheet
350Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FEP-1611 LVL1-FEP-1611_16 Datasheet
357Kb / 3P
   16-Port Fast Ethernet PoE Switch, 240W, 802.3at PoEplus
More results

Similar Description - FEP-1612

ManufacturerPart #DatasheetDescription
logo
Level One
FSW-0513 LVL1-FSW-0513 Datasheet
657Kb / 3P
   Simple Plug and Play installation
logo
Visual Communications C...
5400 VCC-5400 Datasheet
269Kb / 2P
   Simple and fast installation
logo
A-Data Technology
UC360 A-DATA-UC360 Datasheet
747Kb / 2P
   Simple driver-less plug n play
SV620H A-DATA-SV620H Datasheet
458Kb / 2P
   Simple driver-less plug n play
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY
logo
Cherry Semiconductor Co...
MW-2100 CHERRY-MW-2100 Datasheet
65Kb / 2P
   Simple installation
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
   Plug and Play SCSI Terminator
112099
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
   Plug and play system evaluation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com