Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7007L15GGB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 7007L15GGB
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7007L15GGB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7007L15GGB Datasheet HTML 3Page - Integrated Device Technology 7007L15GGB Datasheet HTML 4Page - Integrated Device Technology 7007L15GGB Datasheet HTML 5Page - Integrated Device Technology 7007L15GGB Datasheet HTML 6Page - Integrated Device Technology 7007L15GGB Datasheet HTML 7Page - Integrated Device Technology 7007L15GGB Datasheet HTML 8Page - Integrated Device Technology 7007L15GGB Datasheet HTML 9Page - Integrated Device Technology 7007L15GGB Datasheet HTML 10Page - Integrated Device Technology 7007L15GGB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
IDT7007S/L
High-Speed 32K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (con't.) (VCC = 5.0V ± 10%)
NOTES:
1. 'X' in part numbers indicates power rating (S or L)
2. VCC = 5V, TA = +25°C, and are not production tested. ICCDC = 120mA (Typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using
“AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
Symbol
Parameter
Test Condition
Version
7007X35
Com'l, Ind
& Military
7007X55
Com'l, Ind
& Military
Unit
Typ.(2)
Max.
Typ.(2)
Max.
ICC
Dynamic Operating Current
(Both Ports Active)
CE
= VIL, Outputs Disabled
SEM
= VIH
f = fMAX(3)
COM'L
S
L
160
160
295
255
150
150
270
230
mA
MIL &
IND
S
L
160
160
335
295
150
150
310
270
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL
= CER = VIH
SEMR
= SEML = VIH
f = fMAX(3)
COM'L
S
L
20
20
85
60
20
20
85
60
mA
MIL &
IND
S
L
20
20
100
80
13
13
100
80
ISB2
Standby Current
(One Port - TTL Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR
= SEML = VIH
COM'L
S
L
95
95
185
155
85
85
165
135
mA
MIL &
IND
S
L
95
95
215
185
85
85
195
165
ISB3
Full Standby Current (Both
Ports - All CMOS Level
Inputs)
Both Ports CEL and
CER
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR
= SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All CMOS Level
Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
SEMR
= SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
90
90
160
135
80
80
135
110
mA
MIL &
IND
S
L
90
90
190
165
80
80
165
140
2940 tbl 10


Similar Part No. - 7007L15GGB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7007 BOURNS-7007 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
TEKTRONIX, INC.
7007-05 TEKTRONIX-7007-05 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-05 TEKTRONIX-7007-05 Datasheet
293Kb / 4P
   Sub-femtoamp Remote SourceMeter짰 SMU Instrument
7007-1 TEKTRONIX-7007-1 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-1 TEKTRONIX-7007-1 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
More results

Similar Description - 7007L15GGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com