Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-101-CAC-A3P2 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # FX-101-CAC-A3P2
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-101-CAC-A3P2 Datasheet(HTML) 8 Page - Vectron International, Inc

Back Button FX-101-CAC-A3P2 Datasheet HTML 4Page - Vectron International, Inc FX-101-CAC-A3P2 Datasheet HTML 5Page - Vectron International, Inc FX-101-CAC-A3P2 Datasheet HTML 6Page - Vectron International, Inc FX-101-CAC-A3P2 Datasheet HTML 7Page - Vectron International, Inc FX-101-CAC-A3P2 Datasheet HTML 8Page - Vectron International, Inc FX-101-CAC-A3P2 Datasheet HTML 9Page - Vectron International, Inc FX-101-CAC-A3P2 Datasheet HTML 10Page - Vectron International, Inc FX-101-CAC-A3P2 Datasheet HTML 11Page - Vectron International, Inc FX-101-CAC-A3P2 Datasheet HTML 12Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FX-101 Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web:www.vectron.com
FAQ’s
Q: What are the different input frequencies that are available?
A: The FX-100 series is able to handle any input frequency between 8 kHz and 170 MHz.
(A list of standard frequencies is available on pages 9 and 10.)
Q: How many different input frequencies can a specific FX-101 accept?
A: Each FX-101 can be programmed to accept up to 4 different frequencies.
Q: If there is only one input pin, how can your unit accept 4 different frequencies?
A: The user is required to supply a multiplexer which would switch between the different input
frequencies.The multiplexers’ select pins would need to be sync’d to the select pins of the FX-101.
(See The Typical Application illustrated on page 6.)
Q: Can a single FX-101 handle an application for 4 input frequencies of 8 kHz, 19.44, 38.88 and 77.76 MHz
all being translated to 77.76 MHz, with the 77.76 MHz input being LvPECL and the others HCMOS?
A: Yes; since the FX-101 AC couples the input signal, this combination can be supported.
Q: What is the lock time for the FX-101?
A: The exact lock time will depend on the specific input frequency. It should be noted that in all cases
the lock time will be significantly less than 1 second.
Q: I asked for a FX-101-DFC-A2S2 with 19.44 and 155.52 MHz for the input frequencies and was given a
Source Control Drawing (SCD) number of FX-101-DFC-S5999 Why was a new number assigned?
A: Whenever there are multiple input frequencies, we need to assign a SCD for the unit so that we can
include a table indicating what the logic levels need to be on pins 12 and 13 to control the unit per
the correct input frequency.
Q: What are the exact jitter transfer specs that the FX-101 series meets?
A: The FX-101 meets the stringent jitter transfer specs in GR-253 for Category II jitter (Section 5.6.2.1.2)
for all OC-n levels.
Q: Does the output frequency need to be 77.76 MHz?
A: No, the output frequency can be any frequency between 1.544 MHz and 77.76 MHz.
(A list of standard frequencies is available on pages 9 and 10.)
Q: What type of noise on the supply line can the FX-101 suppress?
A: The FX-101 is designed to clean up noise on the Input Clock Signal, it is not designed to clean up
noisy power supplies. If excessive noise is present on the supply line it may degrade the output
jitter performance. Additional external filtering may be required. Please consult with your power
supply vendor on the best way to filter noise on your supply line.


Similar Part No. - FX-101-CAC-A3P2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101 Datasheet
332Kb / 7P
   Frequency Translator
logo
CML Microcircuits
FX-101L CMLMICRO-FX-101L Datasheet
816Kb / 6P
   MULTI - PURPOSE FREQUENCY SENSITIVE SWITCH
logo
List of Unclassifed Man...
FX-101P-CC2 ETC2-FX-101P-CC2 Datasheet
5Mb / 16P
   Digital Fiber Sensor FX-100 SERIES
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
More results

Similar Description - FX-101-CAC-A3P2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com