Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMT1N Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # UMT1N
Description  DUAL TRANSISTOR (PNPPNP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMT1N Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMT1N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMT1N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMT1N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMT1N Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-363 Plastic-Encapsulate Transistors
UMT1N
FEATURES
Two 2SA1037AK chips in a package
Mounting possible with SOT-363 automatic mounting machines.
Transistor elements are independent, eliminating interference.
Mounting cost and area be cut in half.
Marking: T1
Absolute maximum ratings (Ta=25
℃)
Symbol
Parameter
L
imits
Units
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-150
mA
PC
Collector Dissipation
150
mW
Tj
Junction temperature
150
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
M
in
T
yp
M
ax Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-50μA,IE=0
-60
V
Collector-emitter breakdown Voltage
V(BR)CEO
IC=-1mA,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-60V,IE=0
-0.1
uA
Emitter cut-off current
IEBO
VEB=-6V,IC=0
-0.1
uA
DC current gain
hFE
VCE=-6V,IC=-1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=-50mA,IB=-5mA
-0.5
V
Transition frequency
fT
VCE=-12V,IE=2mA,
f=100MHz
140
MHz
Output capacitance
Cob
VCB=-12V,IE=0, f=1MHz
5
pF
B,Nov,2011
JC T
SOT-363
DUAL TRANSISTOR (PNP+PNP)
www.cj-elec.com
1
E,Mar,2016
www.cj-elec.com


Similar Part No. - UMT1N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT1N ROHM-UMT1N Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
logo
First Silicon Co., Ltd
UMT1N FS-UMT1N Datasheet
315Kb / 5P
   Dual General Purpose Transistors
logo
Rohm
UMT1N ROHM-UMT1N Datasheet
100Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
logo
Micro Commercial Compon...
UMT1N MCC-UMT1N Datasheet
541Kb / 4P
   Dual Transistors
UMT1N MCC-UMT1N Datasheet
382Kb / 4P
   Dual Transistors
More results

Similar Description - UMT1N

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT4403 JIANGSU-MMDT4403 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com