Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7007L20PFGB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 7007L20PFGB
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7007L20PFGB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 7007L20PFGB Datasheet HTML 7Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 8Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 9Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 10Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 11Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 12Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 13Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 14Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
IDT7007S/L
High-Speed 32K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Timing Waveform of Write Cycle No. 1, R/W Controlled Timing(1,5,8)
Timing Waveform of Write Cycle No. 2, CE Controlled Timing(1,5)
NOTES:
1. R/W or CE must be HIGH during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a LOW CE and a LOW R/W for memory array writing cycle.
3. tWR is measured from the earlier of CE or R/W (or SEM or R/W) going HIGH to the end of write cycle.
4. During this period, the I/O pins are in the output state and input signals must not be applied.
5. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal is asserted last, CE or R/W.
7. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load (Figure
2).
8. If OE is LOW during R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off and data to be
placed on the bus for the required tDW. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as
the specified tWP.
9. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. tEW must be met for either condition.
R/
W
tWC
tHZ
tAW
tWR
tAS
tWP
DATAOUT
(2)
tWZ
tDW
tDH
tOW
OE
ADDRESS
DATAIN
CE or SEM
(6)
(4)
(4)
(3)
2940 drw 09
(7)
(7)
(9)
2940 drw 10
tWC
tAS
tWR
tDW
tDH
ADDRESS
DATAIN
R/
W
tAW
tEW
(3)
(2)
(6)
CE or SEM
(9)


Similar Part No. - 7007L20PFGB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7007 BOURNS-7007 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
TEKTRONIX, INC.
7007-05 TEKTRONIX-7007-05 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-05 TEKTRONIX-7007-05 Datasheet
293Kb / 4P
   Sub-femtoamp Remote SourceMeter짰 SMU Instrument
7007-1 TEKTRONIX-7007-1 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-1 TEKTRONIX-7007-1 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
More results

Similar Description - 7007L20PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com