Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7007L20PFGB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7007L20PFGB
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7007L20PFGB Datasheet(HTML) 5 Page - Integrated Device Technology

  7007L20PFGB Datasheet HTML 1Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 2Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 3Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 4Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 5Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 6Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 7Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 8Page - Integrated Device Technology 7007L20PFGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
IDT7007S/L
High-Speed 32K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Truth Table I: Non-Contention Read/Write Control
Truth Table II: Semaphore Read/Write Control(1)
Absolute Maximum Ratings(1)
Recommended DC Operating
Conditions
Maximum Operating Temperature
and Supply Voltage(1)
Capacitance (TA = +25°C, f = 1.0Mhz)
NOTE:
1. A0L — A14L
≠ A0R — A14R
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all I/O's. These eight semaphores are addressed by A0 - A2.
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS
may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sec-tions of this specification is not implied. Exposure
to absolute maxi-mum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
NOTES:
1. This parameter is determined by device characterization but is not production
tested. TQFP package only.
2. 3dV represents the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V.
Inputs(1)
Outputs
Mode
CE
R/W
OE
SEM
I/O0-7
H
X
X
H
High-Z
Deselected: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
LH
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
2940 tbl 02
Inputs
Outputs
Mode
CE
R/W
OE
SEM
I/O0-7
HHL
L
DATAOUT
Read Semaphore Flag Data Out (I/O0-I/O7)
H
XL
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
______
Not Allowed
2940 tbl 03
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output
Current
50
50
mA
2940 tbl 04
Symbol
Parameter(1)
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2940 tbl 07
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to+125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2940 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2940 tbl 06


Similar Part No. - 7007L20PFGB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7007 BOURNS-7007 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
TEKTRONIX, INC.
7007-05 TEKTRONIX-7007-05 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-05 TEKTRONIX-7007-05 Datasheet
293Kb / 4P
   Sub-femtoamp Remote SourceMeter짰 SMU Instrument
7007-1 TEKTRONIX-7007-1 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-1 TEKTRONIX-7007-1 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
More results

Similar Description - 7007L20PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com