Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMH15N Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # UMH15N
Description  Dual Digital Transistors (NPNNPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMH15N Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMH15N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMH15N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMH15N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMH15N Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
UMH15N
FEATURES
z
Two DTC144
T chips in a package
z
Transistor elements are independent, eliminating interference
z
Mounting cost and area can be cut in half.
MARKING: H15
Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Limits
Unit
Collector-base
voltage
V(BR)CBO
50
V
Collector-emitter voltage
V(BR)CEO
50
V
Emitter-base
voltage
V(BR)EBO
5
V
Collector current
IC
100
mA
Collector Power dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Collector-base breakdown voltage
V(BR)CBO
50
V
IC=50μA
Collector-emitter breakdown voltage
V(BR)CEO
50
V
IC=1mA
Emitter-base breakdown voltage
V(BR)EBO
5
V
IE=50μA
Collector cut-off current
ICBO
0.5
μA
VCB=50V
Emitter cut-off current
IEBO
0.5
μA
VEB=4V
Collector-emitter saturation voltage
VCE(sat)
0.3
V
IC=10mA,IB=1mA
DC current transfer ratio
hFE
100
600
VCE=5V,IC=1mA
Input resistance
R1
32.9
47
61.1
KΩ
Transition frequency
fT
250
MHz
VCE=10V ,IE=-5mA,f=100MHz
JC T
SOT-363
Dual Digital Transistors (NPN+NPN)
www.cj-elec.com
1
www.cj-elec.com
D,Mar,2016
Digital Transistors (Built-in Resistors)


Similar Part No. - UMH15N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMH15N SECOS-UMH15N Datasheet
305Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
logo
Shenzhen Jin Yu Semicon...
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
   DIGITAL TRANSISTOR (NPNNPN)
logo
SeCoS Halbleitertechnol...
UMH15N SECOS-UMH15N_15 Datasheet
300Kb / 2P
   NPN Multi-Chip
More results

Similar Description - UMH15N

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMH1 JIANGSU-EMH1 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH4 JIANGSU-EMH4 Datasheet
813Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
   dual digital transistors ( NPN NPN)
logo
Jiangsu Changjiang Elec...
EMH11 JIANGSU-EMH11 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMG11 JIANGSU-EMG11 Datasheet
703Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMD2 JIANGSU-EMD2 Datasheet
6Mb / 5P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
UMH14N HTSEMI-UMH14N Datasheet
399Kb / 1P
   dual digital transistors (NPN NPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com