Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B240002 Datasheet(PDF) 1 Page - E-SWITCH

Part # B240002
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B240002 Datasheet(HTML) 1 Page - E-SWITCH

  B240002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LP4EE1PBATR
2 = 1
2/19/2009
B240002
E
rc
1
1
L1
L2
RED
RED
20
1.9-2.5
200
MCD
UNITS
LUMINOUS INTENSITY @ 10mA
FORWARD VOLTAGE @20mA
V
mA
FORWARD CURRENT
LED SPECS
10.00
[.394 in]
10.00
[.394 in]
13.50
[.531 in]
11.55
[.455 in]
5.00
[.197 in]
2.50
[.098 in]
.30
[.012 in]
.50
[.020 in]
10.00
[.394 in]
.25
[.010 in]
.60
[.024 in]
2.50
[.098 in]
5.00
[.197 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTAC RATING: CURRENT: 100mA
VOLTAGE: 30 VDC
5. OPERATING LIFE: 50,000 MAKE-AND-BREAK CYCLES
6. INSULATION RESISTANCE: 500VDC, 100M OHM. MIN.
7. OPERATING FORCE: 250gf ± 100 GRAMS
8. OPERATING TEMP.: -20°C to 70°C
9. TRAVEL: 1.00 ± 0.3mm LOCK
1.50 ± 0.3mm FULL TRAVEL
10. CONTACT RESISTANCE: 50 m OHM. MAX.
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
13. LED COLOR: RED
A
18316
New Release
11/13/08
rc
CIRCUIT DIAGRAM
PUSH
1
2
3
4
5
6
PCB LAYOUT
7.50
[.295 in]
7.50
[.295 in]
4
5
6
1
2
3
L1
L2
L2
6
4
1
3
+
-
3
6
6
4
L1
L2
DOT
INDICATES
LED CATHODE
B
18334
Update description, was LP4EE1BATR
11/25/08
rc
L1
2
5
2.50
[.098 in]
2.50
[.098 in]
5.00
[.197 in]
5.00
[.197 in]
10.00
[.394 in]
n.70
[.028 in]
(2)
n.90
[.035 in]
(6)
C
L2
C
18414
PCB LAYOUT SECTION FIXED
2/19/09
BLR
D
19601
DRAWING UPDATE
1/19/11
BGL
7.30
[.287 in]
D
D
E
20993
REMOVE "WHITE" FROM LED DOT NOTE
1/30/13
EBP
E


Similar Part No. - B240002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B240000 E-SWITCH-B240000 Datasheet
87Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B240001 E-SWITCH-B240001 Datasheet
91Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B240004 E-SWITCH-B240004 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B240008 E-SWITCH-B240008 Datasheet
90Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B240009 E-SWITCH-B240009 Datasheet
90Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B240002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com