Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V251L10JGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72V251L10JGI
Description  3.3 VOLT CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V251L10JGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72V251L10JGI Datasheet HTML 4Page - Integrated Device Technology 72V251L10JGI Datasheet HTML 5Page - Integrated Device Technology 72V251L10JGI Datasheet HTML 6Page - Integrated Device Technology 72V251L10JGI Datasheet HTML 7Page - Integrated Device Technology 72V251L10JGI Datasheet HTML 8Page - Integrated Device Technology 72V251L10JGI Datasheet HTML 9Page - Integrated Device Technology 72V251L10JGI Datasheet HTML 10Page - Integrated Device Technology 72V251L10JGI Datasheet HTML 11Page - Integrated Device Technology 72V251L10JGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
8
NOTES:
1. Holding WEN2/LD HIGH during reset will make the pin act as a second write enable pin. Holding WEN2/LD LOW during reset will make the pin act as a load enable for the programmable
flag offset registers.
2. After reset, the outputs will be LOW if OE = 0 and high-impedance if OE = 1.
3. The clocks (RCLK, WCLK) can be free-running during reset.
Figure 4. Reset Timing
NOTE:
1. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge for FF to change during the current clock cycle. If the time between
the rising edge of RCLK and the rising edge of WCLK is less than tSKEW1, then FF may not change state until the next WCLK edge.
Figure 5. Write Cycle Timing
tRS
tRSR
RS
REN1,
REN2
tRSF
tRSF
OE = 1
OE = 0
(2)
EF, PAE
FF, PAF
Q0 - Q8
4092 drw06
WEN1
(1)
tRSS
tRSF
tRSR
tRSS
tRSR
tRSS
WEN2/
LD
tDH
tENH
tSKEW1(1)
tCLK
tCLKH
tCLKL
tDS
tENS
tWFF
tWFF
WCLK
D0 - D8
WEN1
WEN2/
(If Applicable)
FF
RCLK
REN1,
REN2
NO OPERATION
NO OPERATION
4092 drw07
DATA IN VALID
tENH
tENS


Similar Part No. - 72V251L10JGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V251L10JGI RENESAS-72V251L10JGI Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V251L10JGI8 RENESAS-72V251L10JGI8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - 72V251L10JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com