Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V241L20PFG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72V241L20PFG
Description  3.3 VOLT CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V241L20PFG Datasheet(HTML) 5 Page - Integrated Device Technology

  72V241L20PFG Datasheet HTML 1Page - Integrated Device Technology 72V241L20PFG Datasheet HTML 2Page - Integrated Device Technology 72V241L20PFG Datasheet HTML 3Page - Integrated Device Technology 72V241L20PFG Datasheet HTML 4Page - Integrated Device Technology 72V241L20PFG Datasheet HTML 5Page - Integrated Device Technology 72V241L20PFG Datasheet HTML 6Page - Integrated Device Technology 72V241L20PFG Datasheet HTML 7Page - Integrated Device Technology 72V241L20PFG Datasheet HTML 8Page - Integrated Device Technology 72V241L20PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
LD
WEN1
WCLK
Selection
0
0
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
0
1
NoOperation
1
0
Write Into FIFO
1
1
NoOperation
Figure 2. Write Offset Register
NOTES:
1. For the purposes of this table, WEN2 = VIH.
2. The same selection sequence applies to reading from the registers. REN1 and REN2
are enabled and read is performed on the LOW-to-HIGH transition of RCLK.
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 - D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (RS)
ResetisaccomplishedwhenevertheReset(RS)inputistakentoaLOWstate.
During reset, both internal read and write pointers are set to the first location.
A reset is required after power-up before a write operation can take place. The
Full Flag (FF) and Programmable Almost-Full Flag (PAF) will be reset to HIGH
after tRSF. The Empty Flag (EF) and Programmable Almost-Empty Flag (PAE)
will be reset to LOW after tRSF. During reset, the output register is initialized to
all zeros and the offset registers are initialized to their default values.
WRITE CLOCK (WCLK)
AwritecycleisinitiatedontheLOW-to-HIGHtransitionoftheWriteClock
(WCLK). DatasetupandholdtimesmustbemetinrespecttotheLOW-to-HIGH
transition of the Write Clock (WCLK). The Full Flag (FF) and Programmable
Almost-Full Flag (PAF) are synchronized with respect to the LOW-to-HIGH
transitionoftheWriteClock(WCLK).
The Write and Read clocks can be asynchronous or coincident.
WRITE ENABLE 1 (WEN1)
If the FIFO is configured for programmable flags, Write Enable 1 (WEN1)
istheonlyenablecontrolpin. Inthisconfiguration,whenWriteEnable1(WEN1)
is low, data can be loaded into the input register and RAM array on the LOW-
to-HIGHtransitionofeveryWriteClock(WCLK). DataisstoredintheRAMarray
sequentially and independently of any on-going read operation.
Inthisconfiguration,whenWriteEnable1(WEN1)isHIGH,theinputregister
holdsthepreviousdataandnonewdataisallowedtobeloadedintotheregister.
IftheFIFOisconfiguredtohavetwowriteenables,whichallowsfordepth
expansion,therearetwoenablecontrolpins. SeeWriteEnable2paragraph
belowforoperationinthisconfiguration.
Topreventdataoverflow,theFullFlag(FF)willgoLOW,inhibitingfurther
writeoperations. Uponthecompletionofavalidreadcycle,theFullFlag(FF)
willgoHIGHaftertWFF,allowingavalidwritetobegin. WriteEnable1(WEN1)
is ignored when the FIFO is full.
READ CLOCK (RCLK)
DatacanbereadontheoutputsontheLOW-to-HIGHtransitionoftheRead
Clock(RCLK).TheEmptyFlag(EF)andProgrammableAlmost-EmptyFlag
(PAE)aresynchronizedwithrespecttotheLOW-to-HIGHtransitionoftheRead
Clock (RCLK).
The Write and Read clocks can be asynchronous or coincident.
READ ENABLES (REN1, REN2)
When both Read Enables (REN1, REN2) are LOW, data is read from the
RAM array to the output register on the LOW-to-HIGH transition of the Read
Clock (RCLK).
WheneitherReadEnable(REN1,REN2)isHIGH,theoutputregisterholds
the previous data and no new data is allowed to be loaded into the register.
WhenallthedatahasbeenreadfromtheFIFO,theEmptyFlag(EF)willgo
LOW,inhibitingfurtherreadoperations.Onceavalidwriteoperationhasbeen
accomplished,theEmptyFlag(EF)willgoHIGHaftertREFandavalidreadcan
begin. TheReadEnables(REN1,REN2)areignoredwhentheFIFOisempty.
OUTPUT ENABLE (OE)
When Output Enable (OE) is enabled (LOW), the parallel output buffers
receive data from the output register. When Output Enable (OE) is disabled
(HIGH), the Q output data bus is in a high-impedance state.
WRITE ENABLE 2/LOAD (WEN2/LD)
This is a dual-purpose pin. The FIFO is configured at Reset to have
programmableflagsortohavetwowriteenables,whichallowsdepthexpansion.
If Write Enable 2/Load (WEN2/LD) is set high at Reset (RS = LOW), this pin
operates as a second Write Enable pin.
If the FIFO is configured to have two write enables, when Write Enable
(WEN1) is LOW and Write Enable 2/Load (WEN2/LD) is HIGH, data can be
loaded into the input register and RAM array on the LOW-to-HIGH transition
ofeveryWriteClock(WCLK). DataisstoredintheRAMarraysequentiallyand
independently of any on-going read operation.
In this configuration, when Write Enable (WEN1) is HIGH and/or Write
Enable2/Load(WEN2/LD)isLOW,theinputregisterholdsthepreviousdata
and no new data is allowed to be loaded into the register.
Topreventdataoverflow,theFullFlag(FF)willgoLOW,inhibitingfurther
writeoperations. Uponthecompletionofavalidreadcycle,theFullFlag(FF)
willgoHIGHaftertWFF,allowingavalidwritetobegin. WriteEnable1(WEN1)
and Write Enable 2/Load (WEN2/LD) are ignored when the FIFO is full.
TheFIFOisconfiguredtohaveprogrammableflagswhentheWriteEnable
2/Load(WEN2/LD)issetLOWatReset(RS =LOW). TheIDT72V201/72V211/
72V221/72V231/72V241/72V251 devices contain four 8-bit offset registers
whichcanbeloadedwithdataontheinputs,orreadontheoutputs. SeeFigure
3 for details of the size of the registers and the default values.
If theFIFOisconfiguredtohaveprogrammableflagswhentheWriteEnable
1(WEN1)andWriteEnable2/Load(WEN2/LD)aresetlow,dataontheinputs
DiswrittenintotheEmpty(LeastSignificantBit)OffsetregisteronthefirstLOW-
to-HIGHtransitionoftheWriteClock(WCLK). DataiswrittenintotheEmpty(Most
SignificantBit)OffsetregisteronthesecondLOW-to-HIGHtransitionoftheWrite
Clock (WCLK), into the Full (Least Significant Bit) Offset register on the third
transition, and into the Full (Most Significant Bit) Offset register on the fourth
transition. Thefifth transitionofthe WriteClock(WCLK)againwritestotheEmpty
(LeastSignificantBit)Offsetregister.
However,writingalloffsetregistersdoesnothavetooccuratonetime. One
ortwooffsetregisterscanbewrittenandthenbybringingtheWriteEnable2/
Load (WEN2/LD) pin HIGH, the FIFO is returned to normal read/write
operation. WhentheWriteEnable2/Load(WEN2/LD)pinissetLOW,andWrite
Enable 1 (WEN1) is LOW, the next offset register in sequence is written.
Thecontentsoftheoffsetregisterscanbereadontheoutputlineswhenthe
WriteEnable2/Load(WEN2/LD)pinissetlowandbothReadEnables(REN1,
REN2) are set LOW. Data can be read on the LOW-to-HIGH transition of the
Read Clock (RCLK).
A read and write should not be performed simultaneously to the offset
registers.


Similar Part No. - 72V241L20PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V241L20PFG RENESAS-72V241L20PFG Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V241L20PFG8 RENESAS-72V241L20PFG8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V241L20PFGI RENESAS-72V241L20PFGI Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V241L20PFGI8 RENESAS-72V241L20PFGI8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - 72V241L20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com