Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V245L20PFG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72V245L20PFG8
Description  3.3 VOLT CMOS SyncFIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V245L20PFG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  72V245L20PFG8 Datasheet HTML 1Page - Integrated Device Technology 72V245L20PFG8 Datasheet HTML 2Page - Integrated Device Technology 72V245L20PFG8 Datasheet HTML 3Page - Integrated Device Technology 72V245L20PFG8 Datasheet HTML 4Page - Integrated Device Technology 72V245L20PFG8 Datasheet HTML 5Page - Integrated Device Technology 72V245L20PFG8 Datasheet HTML 6Page - Integrated Device Technology 72V245L20PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V245L20PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V245L20PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
SupplyVoltage
3.0
3.3
3.6
V
Commercial/Industrial
GND
SupplyVoltage
0
0
0
V
VIH
InputHighVoltage
2.0
5.5
V
Commercial/Industrial
VIL(1)
InputLowVoltage
-0.5
0.8
V
Commercial/Industrial
TA
OperatingTemperature
0
70
°C
Commercial
TA
OperatingTemperature
-40
85
°C
Industrial
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
Symbol
Rating
Commercial
Unit
VTERM(2)
TerminalVoltage
–0.5 to +5
V
with respect to GND
TSTG
Storage
–55to+125
°C
Temperature
IOUT
DCOutputCurrent
–50to+50
mA
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
CAPACITANCE(TA=+25°C,f=1.0MHz)
NOTES:
1. With output deselected, (OE
≥ VIH).
2. Characterized values, not currently tested.
IDT72V205
IDT72V215
IDT72V225
IDT72V235
IDT72V245
Commercial & Industrial(1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI(2)
InputLeakageCurrent(anyinput)
–1
1
μA
ILO(3)
OutputLeakageCurrent
–10
10
μA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
30
mA
ICC2(4.7)
StandbyCurrent
5
mA
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0°C to +70°C; Industrial: VCC = 3.3V
± 0.3V, TA = -40°C to +85°C)
NOTES:
1. Industrial Temperature Range Product for the 15ns speed grade is available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs disabled (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHZ and data inputs switch at 10 MHz.
6. Typical ICC1 = 2.04 + 0.88*fS + 0.02*CL*fS (in mA).
These equations are valid under the following conditions:
VCC = 3.3V, TA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
ABSOLUTE MAXIMUM RATINGS
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminal only.


Similar Part No. - 72V245L20PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V245L20PFG8 RENESAS-72V245L20PFG8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - 72V245L20PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com