Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7015S25PFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7015S25PFG
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7015S25PFG Datasheet(HTML) 4 Page - Integrated Device Technology

  7015S25PFG Datasheet HTML 1Page - Integrated Device Technology 7015S25PFG Datasheet HTML 2Page - Integrated Device Technology 7015S25PFG Datasheet HTML 3Page - Integrated Device Technology 7015S25PFG Datasheet HTML 4Page - Integrated Device Technology 7015S25PFG Datasheet HTML 5Page - Integrated Device Technology 7015S25PFG Datasheet HTML 6Page - Integrated Device Technology 7015S25PFG Datasheet HTML 7Page - Integrated Device Technology 7015S25PFG Datasheet HTML 8Page - Integrated Device Technology 7015S25PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
6.42
IDT7015S/L
High-Speed 8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Truth Table I: Non-Contention Read/Write Control
Recommended DC Operating
Conditions
Maximum Operating
Temperature and Supply Voltage(1)
Absolute Maximum Ratings(1)
Truth Table II: Semaphore Read/Write CONTROL(1)
NOTE:
1.
Condition: A0L — A12L = A0R — A12R
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all I/Os (I/O0 - I/O8). These eight semaphores are addressed by A0 - A2.
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS
may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
NOTES:
1. This is the parameter TA. There is the "instant on" case temperature.
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
Inputs(1)
Outputs
Mode
CE
R/W
OE
SEM
I/O0-8
H
X
X
H
High-Z
Deselected: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
L
H
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
2954 tbl 02
Inputs(1)
Outputs
Mode
CE
R/W
OE
SEM
I/O0-8
HH
L
L
DATAOUT
Read Semaphore Flag Data Out (I/O0-8)
H
XL
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
____
Not Allowed
2954 tbl 03
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-65 to +150
o
C
IOUT
DC Output
Current
50
mA
2954 tbl 04
Grade
Ambient
Temperature
GND
Vcc
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2954 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2954 tbl 06


Similar Part No. - 7015S25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7015S25PFG IDT-7015S25PFG Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
7015S25PFG8 IDT-7015S25PFG8 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
7015S25PFGI IDT-7015S25PFGI Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
7015S25PFGI8 IDT-7015S25PFGI8 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - 7015S25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com