Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V235L15PFG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72V235L15PFG
Description  3.3 VOLT CMOS SyncFIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V235L15PFG Datasheet(HTML) 5 Page - Integrated Device Technology

  72V235L15PFG Datasheet HTML 1Page - Integrated Device Technology 72V235L15PFG Datasheet HTML 2Page - Integrated Device Technology 72V235L15PFG Datasheet HTML 3Page - Integrated Device Technology 72V235L15PFG Datasheet HTML 4Page - Integrated Device Technology 72V235L15PFG Datasheet HTML 5Page - Integrated Device Technology 72V235L15PFG Datasheet HTML 6Page - Integrated Device Technology 72V235L15PFG Datasheet HTML 7Page - Integrated Device Technology 72V235L15PFG Datasheet HTML 8Page - Integrated Device Technology 72V235L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0°C to +70°C; Industrial: VCC = 3.3V ± 0.3V, TA = -40°C to +85°C)
Commercial
Com'l & Ind'l(1)
Commercial
IDT72V205L10
IDT72V205L15
IDT72V205L20
IDT72V215L10
IDT72V215L15
IDT72V215L20
IDT72V225L10
IDT72V225L15
IDT72V225L20
IDT72V235L10
IDT72V235L15
IDT72V235L20
IDT72V245L10
IDT72V245L15
IDT72V245L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
50
MHz
tA
DataAccessTime
2
6.5
2
10
2
12
ns
tCLK
Clock Cycle Time
10
15
20
ns
tCLKH
Clock HIGH Time
4.5
6
8
ns
tCLKL
Clock LOW Time
4.5
6
8
ns
tDS
DataSet-upTime
3
4
5
ns
tDH
DataHoldTime
0.5
1
1
ns
tENS
EnableSet-upTime
3
4
5
ns
tENH
EnableHoldTime
0.5
1
1
ns
tRS
ResetPulseWidth(2)
10
15
20
ns
tRSS
ResetSet-upTime
8
10
12
ns
tRSR
Reset Recovery Time
8
10
12
ns
tRSF
ResettoFlagandOutputTime
15
15
20
ns
tOLZ
OutputEnabletoOutputinLow-Z(3)
0—
0—
0—
ns
tOE
OutputEnabletoOutputValid
6
3
8
3
10
ns
tOHZ
OutputEnabletoOutputinHigh-Z(3)
16
38
3
10
ns
tWFF
Write Clock to Full Flag
6.5
10
12
ns
tREF
Read Clock to Empty Flag
6.5
10
12
ns
tPAFA
ClocktoAsynchronousProgrammableAlmost-FullFlag
17
20
22
ns
tPAFS
WriteClocktoSynchronousProgrammableAlmost-FullFlag
8
10
12
ns
tPAEA
Clock to Asynchronous Programmable Almost-Empty Flag
17
20
22
ns
tPAES
Read Clock to Synchronous Programmable Almost-Empty Flag
8
10
12
ns
tHF
Clock to Half-Full Flag
17
20
22
ns
tXO
Clock to Expansion Out
6.5
10
12
ns
tXI
Expansion In Pulse Width
3
6.5
8
ns
tXIS
Expansion In Set-Up Time
3
5
8
ns
tSKEW1
Skew time between Read Clock & Write Clock for FF/IR
5—
6—
8—
ns
and EF/OR
tSKEW2(4)
Skew time between Read Clock & Write Clock for PAE
14
18
20
ns
and PAF
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
OutputLoad
See Figure 1
AC TEST CONDITIONS
Figure 1. Output Load
* Includes jig and scope capacitances.
30pF*
330
Ω
3.3V
510
Ω
D.U.T.
4294 drw 03
NOTES:
1. Industrial temperature range product for the 15ns speed grade is available as a standard device. All other speed grades are available by special order.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. tSKEW2 applies to synchronous PAE and synchronous PAF only.


Similar Part No. - 72V235L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V235L15PFG RENESAS-72V235L15PFG Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V235L15PFG8 RENESAS-72V235L15PFG8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V235L15PFGI RENESAS-72V235L15PFGI Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V235L15PFGI8 RENESAS-72V235L15PFGI8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - 72V235L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com