Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V235L20TFG8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 72V235L20TFG8
Description  3.3 VOLT CMOS SyncFIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V235L20TFG8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 72V235L20TFG8 Datasheet HTML 7Page - Integrated Device Technology 72V235L20TFG8 Datasheet HTML 8Page - Integrated Device Technology 72V235L20TFG8 Datasheet HTML 9Page - Integrated Device Technology 72V235L20TFG8 Datasheet HTML 10Page - Integrated Device Technology 72V235L20TFG8 Datasheet HTML 11Page - Integrated Device Technology 72V235L20TFG8 Datasheet HTML 12Page - Integrated Device Technology 72V235L20TFG8 Datasheet HTML 13Page - Integrated Device Technology 72V235L20TFG8 Datasheet HTML 14Page - Integrated Device Technology 72V235L20TFG8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
NOTES:
1. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that FF will go HIGH during the current clock cycle. If the time between the rising
edge of RCLK and the rising edge of WCLK is less than tSKEW1, then FF may not change state until the next WCLK edge.
2. Select this mode by setting (FL, RXI, WXI) = (0,0,0), (0,1,1), (1,0,0) or (1,1,1) during Reset.
Figure 5. Reset Timing(2)
Figure 6. Write Cycle Timing with Single Register-Buffered FF
FF
FF
FF
FF (IDT Standard Mode)
WCLK
D0 - D17
WEN
FF
tCLK
tCLKH
tCLKL
tDS
tENS
tDH
tENH
tWFF
tWFF
DATA IN VALID
NO OPERATION
RCLK
tSKEW1
(1)
REN
4294 drw 06
RS
REN, WEN, LD
PAE
PAF, WXO/
HF, RXO
Q0 - Q17
OE = 0
OE = 1
(1)
4294 drw 05
tRSS
CONFIGURATION SETTING
tRSR
FL, RXI, WXI
RCLK, WCLK
FF/IR
EF/OR
FWFT Mode
IDT Standard Mode
(3)
(2)
tRSF
tRSF
tRSF
tRSF
tRSF
tRSR
tRS
FWFT Mode
IDT Standard Mode
(4)
NOTES:
1. Single device mode (FL, RXI, WXI) = (0,0,0), (0,0,1), (0,1,0), (1,0,0), (1,0,1) or (1,1,0). FL, RXI, WXI should be static (tied to VCC or GND).
2. The clocks (RCLK, WCLK) can be free-running asynchronously or coincidentally.
3. After reset, the outputs will be LOW if OE = 0 and tri-state if OE = 1.
4. In FWFT mode IR goes LOW based on the WCLK edge after Reset.


Similar Part No. - 72V235L20TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V235L20TFG8 RENESAS-72V235L20TFG8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - 72V235L20TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com