Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14750 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14750
Description  Extended System Battery Use Time
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14750 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14750 Datasheet HTML 1Page - Maxim Integrated Products MAX14750 Datasheet HTML 2Page - Maxim Integrated Products MAX14750 Datasheet HTML 3Page - Maxim Integrated Products MAX14750 Datasheet HTML 4Page - Maxim Integrated Products MAX14750 Datasheet HTML 5Page - Maxim Integrated Products MAX14750 Datasheet HTML 6Page - Maxim Integrated Products MAX14750 Datasheet HTML 7Page - Maxim Integrated Products MAX14750 Datasheet HTML 8Page - Maxim Integrated Products MAX14750 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
(VCC = VBIN = VLIN = VHVIN = VSWIN = 2.7V, TA = -40°C to +85°C, all registers in their default state, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
MAX14720/MAX14750
Power-Management Solution
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
On Input Current
ION
LDO, buck, and buck-boost
enabled; BIN UVLO and LIN UVLO
enabled; ISWOUT = ILOUT = IBOUT
= IHVOUT = 0A
4.4
8.3
µA
POwER SEqUENCE
Boot Time
tBOOT
MAX14720
9.9
11
12.1
ms
MAX14750
21.6
24
26.4
ms
Reset Time
tRST
MAX14720
72
80
88
ms
POwER SwITCh
Input Voltage Range
VSWIN
VSWIN≤VCC
1.8
5.5
V
Quiescent Supply
Current
IQ_SW
ISWOUT = 0A
0.05
0.09
µA
Switch On-Resistance
RON_SW
ISWOUT = 200mA
0.16
0.25
VSWIN = 1.8V, ISWOUT = 200mA
0.27
0.5
Maximum Output
Current
ISWOUT_MAX
200
mA
Turn-On Time
tON_SW
ISWOUT = 0mA, CSWOUT = 100µF,
time from 10% to 90% of VSWIN,
SWSoftStart = 0
0.65
ms
ISWOUT = 0mA, CSWOUT = 100µF,
time from 10% to 90% of VSWIN,
SWSoftStart = 1
13.8
ms
Short-Circuit Current
Limit
ISHRT_SW
VSWOUT = GND, SWSoftStart = 0
200
460
700
mA
Soft-Start Current Limit
ISSTR_SW
VSWOUT = GND, SWSoftStart = 1
9
25
54
mA
Thermal-Shutdown
Threshold
TSHDN_SW
TJ rising
150
°C
Thermal-Shutdown
Hysteresis
TSHDN_HYST_SW
20
°C
BUCk BOOST CONvERTER (COUT = 10µF, L = 4.7µF, unless otherwise noted.)
Input Voltage Range
VHVIN
1.8
5.5
V
Quiescent Supply
Current
IQ_BOOST
VHVOUT = 4V, IHVOUT = 0A,
BIN UVLO disabled
1.1
2.6
µA
VHVOUT = 4V, IHVOUT = 0A,
BIN UVLO enabled
1.3
3
µA
Minimum Input Voltage
Startup
VHVIN_STUP
ILOAD = 1mA, minimum input
voltage for correct startup of the
buck-boost
1.9
V


Similar Part No. - MAX14750

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14750 MAXIM-MAX14750 Datasheet
648Kb / 7P
   RoHS Compliant
Rev 0; 10/16
MAX14750 MAXIM-MAX14750 Datasheet
768Kb / 7P
   Full Assembled and Tested
Rev 1; 2/19
MAX14750 MAXIM-MAX14750 Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
MAX14750EVKIT MAXIM-MAX14750EVKIT Datasheet
768Kb / 7P
   Full Assembled and Tested
Rev 1; 2/19
More results

Similar Description - MAX14750

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
logo
ASM GmbH
NMG2-2500-P ASM-SENSOR-NMG2-2500-P Datasheet
36Kb / 2P
   Stop-Time Measuring System
logo
Agilent(Hewlett-Packard...
G8830A HP-G8830A Datasheet
309Kb / 2P
   Real-Time PCR System
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Agilent(Hewlett-Packard...
K8930AA HP-K8930AA Datasheet
308Kb / 2P
   Real-Time PCR System
logo
Micrel Semiconductor
MIC2755 MICREL-MIC2755_06 Datasheet
283Kb / 10P
   Battery System Supervisor
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Ultralife Corporation.
UKT0011 ULTRALIFE-UKT0011 Datasheet
739Kb / 2P
   nullPortable Battery System
Rev: E
logo
STMicroelectronics
TM8050H-8W STMICROELECTRONICS-TM8050H-8W Datasheet
361Kb / 9P
   Battery charging system
May 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com