Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14750 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14750
Description  Extended System Battery Use Time
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14750 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14750 Datasheet HTML 3Page - Maxim Integrated Products MAX14750 Datasheet HTML 4Page - Maxim Integrated Products MAX14750 Datasheet HTML 5Page - Maxim Integrated Products MAX14750 Datasheet HTML 6Page - Maxim Integrated Products MAX14750 Datasheet HTML 7Page - Maxim Integrated Products MAX14750 Datasheet HTML 8Page - Maxim Integrated Products MAX14750 Datasheet HTML 9Page - Maxim Integrated Products MAX14750 Datasheet HTML 10Page - Maxim Integrated Products MAX14750 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
(VCC = VBIN = VLIN = VHVIN = VSWIN = 2.7V, TA = -40°C to +85°C, all registers in their default state, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
MAX14720/MAX14750
Power-Management Solution
www.maximintegrated.com
Maxim Integrated │ 7
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Mode
Resistance
RON_LDO
VLIN = 1.8V, ILOUT = 50mA
1
VLIN = 1.2V, ILOUT = 5mA
3
Turn-On Time
tON_LDO
ILOUT = 0mA , time from 10% to
90%offinalregulationvalue
0.95
ms
ILOUT = 0mA , time from 10% to
90% of VLIN, Switch mode
1.8
ms
Short-Circuit Current
Limit
ISHRT_LDO
VLOUT = GND
380
mA
VLOUT = GND, Switch mode
370
mA
Thermal-Shutdown
Threshold
tSHDN_LDO
TJ rising
150
°C
Thermal-Shutdown
Hysteresis
tSHDN_HYST_LDO
21
°C
Output Noise
OUTNOISE_LDO
10Hz to 100kHz, VLIN = 5V,
VLOUT = 3.3V
150
µVRMS
10Hz to 100kHz, VLIN = 5V,
VLOUT = 2.5V
125
10Hz to 100kHz, VLIN = 5V,
VLOUT = 1.2V
90
10Hz to 100kHz, VLIN = 5V,
VLOUT = 0.9V
80
BATTERY IMPEDANCE MEASUREMENT
SWOUT Allowed
Supply Range
VSWOUT
2
5.5
V
SWOUT UVLO
UVLOSWOUT
Falling edge
1.92
2
V
SWOUT UVLO
Hysteresis
UVLOHYST
Hysteresis
30
mV
VCC Impedance Test
Current Range
IBIM_CUR
Programmable current source with
step change of 2x
250
8000
µA
VCC Impedance Test
Current Accuracy
IBIM_ACC
VCC > 1.2V
-10
10
%
VCC Input Divider
Resistance
RVCC
VCC measure enabled
1.5
MΩ
Measurable VCC
Voltage Range
VCC_FS
Allowed VCC voltages range for
SAR ADC operation
1.2
3.6
V
VCC Voltage Resolution
LSB
VCC_LSB
10.2
mV


Similar Part No. - MAX14750

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14750 MAXIM-MAX14750 Datasheet
648Kb / 7P
   RoHS Compliant
Rev 0; 10/16
MAX14750 MAXIM-MAX14750 Datasheet
768Kb / 7P
   Full Assembled and Tested
Rev 1; 2/19
MAX14750 MAXIM-MAX14750 Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
MAX14750EVKIT MAXIM-MAX14750EVKIT Datasheet
768Kb / 7P
   Full Assembled and Tested
Rev 1; 2/19
More results

Similar Description - MAX14750

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
logo
ASM GmbH
NMG2-2500-P ASM-SENSOR-NMG2-2500-P Datasheet
36Kb / 2P
   Stop-Time Measuring System
logo
Agilent(Hewlett-Packard...
G8830A HP-G8830A Datasheet
309Kb / 2P
   Real-Time PCR System
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Agilent(Hewlett-Packard...
K8930AA HP-K8930AA Datasheet
308Kb / 2P
   Real-Time PCR System
logo
Micrel Semiconductor
MIC2755 MICREL-MIC2755_06 Datasheet
283Kb / 10P
   Battery System Supervisor
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Ultralife Corporation.
UKT0011 ULTRALIFE-UKT0011 Datasheet
739Kb / 2P
   Portable Battery System
Rev: E
logo
STMicroelectronics
TM8050H-8W STMICROELECTRONICS-TM8050H-8W Datasheet
361Kb / 9P
   Battery charging system
May 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com