Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


9-1393113-4 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part No. 9-1393113-4
Description  Magnetic blow-out
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 1 page
background image
General Purpose Relays
Industrial Relays
KUEP Series Panel Plug-in Relay
12-2016, Rev. 1216
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Coil Data
Coil voltage range
5 to 125VDC
6 to 240VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
One pole versions
5
5
3.75
21
1.2
6
6
4.5
32
1.125
12
12
9.0
120
1.2
24
24
18.0
472
1.25
48
48
36.0
1800
1.3
110
110
82.5
10000
1.25
125
125
93.75
13000
1.2
Two pole versions
5
5
3.75
14
1.8
6
6
4.5
20
1.8
12
12
9.0
80
1.8
24
24
18.0
320
1.8
48
48
36.0
1250
1.85
110
110
82.5
6720
1.8
125
125
93.75
8680
1.8
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
One pole versions
6
6
5.1
6
2.0
12
12
10.2
24
2.0
24
24
20.4
85
2.0
120
120
102.0
2250
2.1
240
240
204.0
9110
2.1
Two pole versions
6
6
5.1
4.2
2.8
12
12
10.2
18
2.8
24
24
20.4
72
2.8
120
120
102.0
1700
2.9
240
240
204.0
7200
2.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
1200Vrms
between contact and coil
2200Vrms
between adjacent contacts
2200Vrms
Initial insulation resistance
between insulated elements
100MΩ
n
1 Form X, 2 Form A and 2 Form C contact arrangements
n
10 amp current rating
n
Magnetic blow-out
n
Various mounting options
n
Indicator lamp available
Typical applications
DC load switching in industrial controls
Approvals
UL E22575; CSA LR15734; CE (KUEP-11 only)
Technical data of approved types on request
Contact Data
Contact arrangement
1 form X (NO-DM), 2 form A (NO), 2 form C (CO)
Rated voltage
150VDC
Rated current
10A
Contact material
AgCdO
AgSnOInO
Min. recommended contact load
300mA, 12VDC
Frequency of operation
360 ops./hour
360 ops./hour
Operate/releases time max.
15/10ms
Bounce time max.
17ms
Contact ratings
Type
Load
Cycles
UL 508
KUEP, 1 form X, AgCdO
10A, 150VDC
100x103
1A, 300VDC
100x103
2.5 A, 170 VDC, resistive
100x103
KUEP, 2 form A, AgCdO
5 A, 150 VDC
2.5 A, 170 VDC, resistive
100x103
KUEP, 2 form C, AgCdO
3 A, 150 VDC
2.5 A, 170 VDC, resistive
100x103
10 A, 240 VAC
10 A, 32 VDC
5 FLA, 15 LRA, 250 VAC
1/3 HP, 120 VAC
5 A, 120 VAC, tungsten
1/2 HP, 250 VAC
10 FLA, 40 LRA, 125 VAC
3 A, 600 VAC
1/2 HP, 480 VAC
1/2 HP, 600 VAC
1 HP, 480 VAC, 3 phase
KUEP, 1 form X, AgSnOInO
10A, 150VDC, resistive
30x103
KUEP, 2 form A, AgSnOInO
5 A, 150 VDC, resistive
100x103
KUEP, 2 form C, AgSnOInO
3 A, 150 VDC, resistive
100x103
Mechanical endurance
10x106 ops.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl