Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V07S55PFG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70V07S55PFG
Description  HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V07S55PFG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70V07S55PFG Datasheet HTML 2Page - Integrated Device Technology 70V07S55PFG Datasheet HTML 3Page - Integrated Device Technology 70V07S55PFG Datasheet HTML 4Page - Integrated Device Technology 70V07S55PFG Datasheet HTML 5Page - Integrated Device Technology 70V07S55PFG Datasheet HTML 6Page - Integrated Device Technology 70V07S55PFG Datasheet HTML 7Page - Integrated Device Technology 70V07S55PFG Datasheet HTML 8Page - Integrated Device Technology 70V07S55PFG Datasheet HTML 9Page - Integrated Device Technology 70V07S55PFG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
IDT70V07S/L
High-Speed 32K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (VCC = 3.3V ± 0.3V)
NOTES:
1. 'X' in part number indicates power rating (S or L).
2. VCC = 3.3V, TA = +25°C, and are not production tested. ICCDC = 80mA (Typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/ tRC, and using “AC Test Conditions" of input levels
of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 3.3V ± 0.3V)
NOTE:
1. At VCC < 2.0V, input leakages are undefined.
Symbol
Parameter
Test Conditions
70V07S
70V07L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 3.6V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE
= VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2943 tbl 08
70V07X25
Com'l
& Ind
70V07X35
Com'l
& Ind
70V07X55
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE
= VIL, Outputs Disabled
SEM
= VIL
f = fMAX(3)
COM'L
S
L
100
100
170
140
90
90
140
120
90
90
140
120
mA
IND
S
L
____
100
____
185
____
90
____
155
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER
= CEL = VIH
SEMR
= SEML = VIH
f = fMAX(3)
COM'L
S
L
14
12
30
24
12
10
30
24
12
10
30
24
mA
IND
S
L
____
12
____
50
____
10
____
50
____
____
____
____
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR
= SEML = VIH
COM'L
S
L
50
50
95
85
45
45
87
75
45
45
87
75
mA
IND
S
L
____
50
____
105
____
45
____
95
____
____
____
____
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports CEL and
CER
> VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR
= SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
6
3
1.0
0.2
6
3
1.0
0.2
6
3
mA
IND
S
L
____
0.2
____
3
____
0.2
____
3
____
____
____
____
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
SEMR
= SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(3)
COM'L
S
L
60
60
90
80
55
55
85
74
55
55
85
74
mA
IND
S
L
____
60
____
90
____
55
____
85
____
____
____
____
2943 tbl 09


Similar Part No. - 70V07S55PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V07S55PFG IDT-70V07S55PFG Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07S55PFG8 IDT-70V07S55PFG8 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07S55PFGI IDT-70V07S55PFGI Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07S55PFGI8 IDT-70V07S55PFGI8 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V07S55PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com