Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7015S17PFGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 7015S17PFGI
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7015S17PFGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 7015S17PFGI Datasheet HTML 7Page - Integrated Device Technology 7015S17PFGI Datasheet HTML 8Page - Integrated Device Technology 7015S17PFGI Datasheet HTML 9Page - Integrated Device Technology 7015S17PFGI Datasheet HTML 10Page - Integrated Device Technology 7015S17PFGI Datasheet HTML 11Page - Integrated Device Technology 7015S17PFGI Datasheet HTML 12Page - Integrated Device Technology 7015S17PFGI Datasheet HTML 13Page - Integrated Device Technology 7015S17PFGI Datasheet HTML 14Page - Integrated Device Technology 7015S17PFGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
6.42
IDT7015S/L
High-Speed 8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
Timing Waveform of Semaphore Read after Write Timing, Either Side(1)
NOTES:
1. DOR = DOL =VIH, CER = CEL =VIH.
2. All timing is the same for left and right ports. Port“A” may be either left or right port. “B” is the opposite port from “A”.
3. This parameter is measured from R/W“A” or SEM“A” going high to R/W“B” or SEM“B” going HIGH.
4. If tSPS is not satisfied, there is no guarantee which side will obtain the semaphore flag.
Timing Waveform of Semaphore Write Contention(1,3,4)
NOTES:
1. CE = VIH for the duration of the above timing (both write and read cycle).
2. “DATAOUT VALID” represents all I/O's (I/O0-I/O8) equal to the semaphore value.
SEM
2954 drw 11
tAW
tEW
tSOP
I/O
VALID ADDRESS
tSAA
R/
W
tWR
tOH
tACE
VALID ADDRESS
DATAIN
VALID
DATAOUT
tDW
tWP
tDH
tAS
tAOE
Read Cycle
Write Cycle
A0-A2
OE
VALID(2)
tSWRD
SEM"A"
2954 drw 12
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2"A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
SIDE
"B"
(2)
A0"B"-A2"B"


Similar Part No. - 7015S17PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7015S17PFGI IDT-7015S17PFGI Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
7015S17PFGI8 IDT-7015S17PFGI8 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - 7015S17PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com