Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V07S35PFG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V07S35PFG
Description  HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V07S35PFG Datasheet(HTML) 3 Page - Integrated Device Technology

  70V07S35PFG Datasheet HTML 1Page - Integrated Device Technology 70V07S35PFG Datasheet HTML 2Page - Integrated Device Technology 70V07S35PFG Datasheet HTML 3Page - Integrated Device Technology 70V07S35PFG Datasheet HTML 4Page - Integrated Device Technology 70V07S35PFG Datasheet HTML 5Page - Integrated Device Technology 70V07S35PFG Datasheet HTML 6Page - Integrated Device Technology 70V07S35PFG Datasheet HTML 7Page - Integrated Device Technology 70V07S35PFG Datasheet HTML 8Page - Integrated Device Technology 70V07S35PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
IDT70V07S/L
High-Speed 32K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
INDEX
I/O2L
VCC
GND
GND
A4R
BUSYL
BUSYR
GND
M/
S
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O0R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
A3R
A2R
A1R
A0R
A0L
A1L
A2L
A3L
A4L
2943 drw 03
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
46
45
44
43
42
41
56
55
54
53
52
51
50
47
48
49
32
31
30
29
28
27
26
25
24
23
22
21
63 62 61
64
33 34 35 36 37 38 39 40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
17
18
19
20
57
58
59
60
A5L
N/C
INTL
INTR
N/C
N/C
N/C
I/O6R
N/C
N/C
IDT70V07PF
PN80-1
(4)
80-Pin TQFP
Top View
(5)
10/25/01
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground.
3. PN80-1 package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3) (con't.)


Similar Part No. - 70V07S35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V07S35PFG IDT-70V07S35PFG Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07S35PFG8 IDT-70V07S35PFG8 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07S35PFGI IDT-70V07S35PFGI Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07S35PFGI8 IDT-70V07S35PFGI8 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V07S35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com