Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMA36 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # KMA36
Description  Contactless Absolute 360째 (180째) angle measurement
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMA36 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button KMA36 Datasheet HTML 6Page - TE Connectivity Ltd KMA36 Datasheet HTML 7Page - TE Connectivity Ltd KMA36 Datasheet HTML 8Page - TE Connectivity Ltd KMA36 Datasheet HTML 9Page - TE Connectivity Ltd KMA36 Datasheet HTML 10Page - TE Connectivity Ltd KMA36 Datasheet HTML 11Page - TE Connectivity Ltd KMA36 Datasheet HTML 12Page - TE Connectivity Ltd KMA36 Datasheet HTML 13Page - TE Connectivity Ltd KMA36 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
KMA36
Contactless Rotational and Linear Encoder
SENSOR SOLUTIONS /// KMA36 Rev 11
4/2016
Page 10
KCONF (Configuration register)
The configuration register is used to control and monitor the status and modes of the system:
KCONF - Configuration register
Bit
7
6
5
4
3
2
1
0
SLP
-
LIN
CNT
PWR
SPD
OVCS1
OVSC0
Read/Write
W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
1
0
Bit 7 - SLP: Sleep mode
Writing this bit to one enables the sleep mode. This bit will be always set to zero by hardware.
Bit 5 - LIN: Mode
Writing this bit to one disables the rotational mode and enables the linear mode.
Bit 4 - CNT: Mode
Writing this bit to one enables the incremental counter mode. By writing it to zero, the counter mode is turned off and reset
Bit 3 - PWR: Low power mode
Writing this bit to one enables the low power mode.
Bit 2 - SPD: Speed mode
Writing this bit to one enables the fast speed mode.
Bit 1:0 - OVCS1:0: Oversampling
These bits determines the accuracy of the angle evaluation.
Table 11:
KCONF
– Configuration Register
Rotational measurement
used to measure the angle of a rotating magnet disc centered
above the magnetic sensor center of the KMA36. 1)
Linear measurement
used to measure the linear movement of the KMA36 along
a magnetic pole strip with 5mm pole length. A lookup table is used
for internal error correction 1)
Sleep mode
used to power down the KMA36. Wake up is initiated by I2C
communication
1)
Please refer to the arrangement section.


Similar Part No. - KMA36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KMA36 ETC2-KMA36 Datasheet
706Kb / 16P
   KMA36 universal magnetic encoder
logo
Humirel
KMA36 HUMIREL-KMA36 Datasheet
242Kb / 6P
   Digital Component Sensor (DCS) Development Tools
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
   Digital Magnetic Encoder Sensor
logo
Humirel
KMA36R HUMIREL-KMA36R Datasheet
144Kb / 3P
   Digital Magnetic Encoder Sensor
More results

Similar Description - KMA36

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TPT300V TEC-TPT300V Datasheet
203Kb / 6P
   Contactless Temperature Measurement
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
   For Contactless Temperature Measurement
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
   PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
logo
PHOENIX CONTACT
2701216 PHOENIX-2701216 Datasheet
74Kb / 4P
   Absolute and differential temperature measurement (configurable)
logo
Level One
FCS-3091 LVL1-FCS-3091 Datasheet
515Kb / 6P
   2-Megapixel (1600 x 1200) high-definition resolution Offers various 360째/180째 video modes for panoramic wide-angle surveillance
logo
Murata Manufacturing Co...
SCA10H MURATA-SCA10H Datasheet
501Kb / 15P
   Contactless measurement enables continuous monitoring without disturbing the patient
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
   Accurate angle measurement
AS5170 AMSCO-AS5170 Datasheet
1Mb / 47P
   Accurate angle measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com