Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V07L25PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70V07L25PFG
Description  HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V07L25PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  70V07L25PFG Datasheet HTML 1Page - Integrated Device Technology 70V07L25PFG Datasheet HTML 2Page - Integrated Device Technology 70V07L25PFG Datasheet HTML 3Page - Integrated Device Technology 70V07L25PFG Datasheet HTML 4Page - Integrated Device Technology 70V07L25PFG Datasheet HTML 5Page - Integrated Device Technology 70V07L25PFG Datasheet HTML 6Page - Integrated Device Technology 70V07L25PFG Datasheet HTML 7Page - Integrated Device Technology 70V07L25PFG Datasheet HTML 8Page - Integrated Device Technology 70V07L25PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IDT70V07S/L
High-Speed 32K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
2943 drw 02
12
13
14
15
16
17
18
INDEX
19
20
21
22
98
7
6
5
4
321 68 67 66 65
27 28 29 30 31 32 33 34 35 36 37 38 39
VCC
I/O1R
I/O2R
I/O3R
I/O4R
INTL
GND
A4L
A3L
A2L
A1L
A0L
A3R
A0R
A1R
A2R
I/O2L
A5L
11
10
M/
S
23
24
25
26
40 41 42 43
58
57
56
55
54
53
52
51
50
49
48
59
60
47
46
45
44
64 63 62 61
I/O3L
GND
I/O0R
VCC
A4R
BUSYL
GND
BUSYR
INTR
IDT70V07J
J68-1(4)
68-Pin PLCC
Top View(5)
I/O4L
I/O5L
I/O6L
I/O7L
I/O5R
I/O6R
10/25/01
Description
The IDT70V07 is a high-speed 32K x 8 Dual-Port Static RAM. The
IDT70V07 is designed to be used as a stand-alone 256K-bit Dual-Port
RAM or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit-
or-morewordsystems.UsingtheIDTMASTER/SLAVEDual-PortRAM
approach in 16-bit or wider memory system applications results in full-
speed,error-freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbyCEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricatedusing CMOShigh-performancetechnology,thesedevices
typically operate on only 300mW of power.
TheIDT70V07ispackagedinaceramic68-pinPGAandPLCCand
a 80-pin thin quad flatpack (TQFP).
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground.
3. J68-1 package body is approximately .95 in x .95 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.


Similar Part No. - 70V07L25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V07L25PFG IDT-70V07L25PFG Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07L25PFG RENESAS-70V07L25PFG Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
70V07L25PFG8 IDT-70V07L25PFG8 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07L25PFG8 RENESAS-70V07L25PFG8 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
70V07L25PFGI IDT-70V07L25PFGI Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V07L25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com