Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70T659S15DRG8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 70T659S15DRG8
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T659S15DRG8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 70T659S15DRG8 Datasheet HTML 7Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 8Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 9Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 10Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 11Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 12Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 13Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 14Page - Integrated Device Technology 70T659S15DRG8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
IDT70T651/9S
High-Speed 2.5V 256/128K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 1).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM, CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time. CE = VIL when
CE0
= VIL and CE1 = VIH. CE = VIH when CE0 = VIH and/or CE1 = VIL.
4. These values are valid regardless of the power supply level selected for I/O and control signals (3.3V/2.5V). See page 6 for details.
5. 10nsIndustrialspeedgradeisavailableinBF-208andBC-256packagesonly.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(4)
Symbol
Parameter
70T651/9S10
Com'l Only
70T651/9S12
Com'l
& Ind
70T651/9S15
Com'l Only
Unit
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
10
____
12
____
15
____
ns
tAA
Address Access Time
____
10
____
12
____
15
ns
tACE
Chip Enable Access Time(3)
____
10
____
12
____
15
ns
tABE
Byte Enable Access Time(3)
____
5
____
6
____
7ns
tAOE
Output Enable Access Time
____
5
____
6
____
7ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time(1,2)
040608
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
8
____
8
____
12
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)
____
4
____
6
____
8ns
tSAA
Semaphore Address Access Time
2
10
2
12
2
15
ns
5632tbl 12
Symbol
Parameter
70T651/9S10
Com'l Only
70T651/9S12
Com'l
& Ind
70T651/9S15
Com'l Only
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
10
____
12
____
15
____
ns
tEW
Chip Enable to End-of-Write(3)
8
____
10
____
12
____
ns
tAW
Address Valid to End-of-Write
8
____
10
____
12
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
10
____
12
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
6
____
8
____
10
____
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
4
____
6
____
8ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
0
____
ns
tSWRD
SEM
Flag Write to Read Time
5
____
5
____
5
____
ns
tSPS
SEM
Flag Contention Window
5
____
5
____
5
____
ns
5632 tbl 13


Similar Part No. - 70T659S15DRG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T659S15DRG8 IDT-70T659S15DRG8 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T659S15DRG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com