Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C408A-35VC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C408A-35VC
Description  64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C408A-35VC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C408A-35VC Datasheet HTML 7Page - Cypress Semiconductor CY7C408A-35VC Datasheet HTML 8Page - Cypress Semiconductor CY7C408A-35VC Datasheet HTML 9Page - Cypress Semiconductor CY7C408A-35VC Datasheet HTML 10Page - Cypress Semiconductor CY7C408A-35VC Datasheet HTML 11Page - Cypress Semiconductor CY7C408A-35VC Datasheet HTML 12Page - Cypress Semiconductor CY7C408A-35VC Datasheet HTML 13Page - Cypress Semiconductor CY7C408A-35VC Datasheet HTML 14Page - Cypress Semiconductor CY7C408A-35VC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY7C408A
CY7C409A
11
If data is to be shifted out simultaneously with the data being
shifted in, the concept of “virtual capacity” is introduced. Virtual
capacity is simply how large a packet of data can be shifted in
at a fixed frequency, e.g., 35 MHz, simultaneously with data
being shifted out at any given frequency.
Figure 6 is a graph
of packet size[30] vs. shift out frequency (fSOx) for two different
values of shift in frequency (fSIx) when two FIFOs are
cascaded.
The exact complement of this occurs if the FIFOs initially con-
tain data and a high shift out frequency is to be maintained,
i.e., a 35 MHz fSOx can be sustained when reading data pack-
ets from devices cascaded two or three deep.[31] If data is
shifted in simultaneously,
Figure 6 applies with fSIx and fSOx
interchanged.
Figure 6. Virtual Capacity vs. Output Rate for Two FIFOs Cascaded Using an Inverter.
Notes:
30. These are typical packet sizes using an inverter whose delay is 4 ns.
31. Only devices with the same speed grade are specified to cascade together.
C408A–22
016
32 36
OUTPUT RATE(fSOx) OF BOTTOM FIFO (MHz)
0
150
50
400
300
412
20 24
8
28
100
200
250
fSIx =30MHz
350
fSIx =35MHz


Similar Part No. - CY7C408A-35VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C408A-35VC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com