Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V225L15TFG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72V225L15TFG8
Description  3.3 VOLT CMOS SyncFIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V225L15TFG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  72V225L15TFG8 Datasheet HTML 1Page - Integrated Device Technology 72V225L15TFG8 Datasheet HTML 2Page - Integrated Device Technology 72V225L15TFG8 Datasheet HTML 3Page - Integrated Device Technology 72V225L15TFG8 Datasheet HTML 4Page - Integrated Device Technology 72V225L15TFG8 Datasheet HTML 5Page - Integrated Device Technology 72V225L15TFG8 Datasheet HTML 6Page - Integrated Device Technology 72V225L15TFG8 Datasheet HTML 7Page - Integrated Device Technology 72V225L15TFG8 Datasheet HTML 8Page - Integrated Device Technology 72V225L15TFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
MARCH 2013
IDT72V205, IDT72V215,
IDT72V225, IDT72V235,
IDT72V245
IDT, IDT logo are registered trademarks of Integrated Device Technology, Inc. SyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
©2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4294/7
3.3 VOLT CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18,
2,048 x 18, and 4,096 x 18
FEATURES:
••••• 256 x 18-bit organization array (IDT72V205)
••••• 512 x 18-bit organization array (IDT72V215)
••••• 1,024 x 18-bit organization array (IDT72V225)
••••• 2,048 x 18-bit organization array (IDT72V235)
••••• 4,096 x 18-bit organization array (IDT72V245)
••••• 10 ns read/write cycle time
••••• 5V input tolerant
••••• IDT Standard or First Word Fall Through timing
••••• Single or double register-buffered Empty and Full flags
••••• Easily expandable in depth and width
••••• Asynchronous or coincident Read and Write Clocks
••••• Asynchronous or synchronous programmable Almost-Empty
and Almost-Full flags with default settings
••••• Half-Full flag capability
••••• Output enable puts output data bus in high-impedance state
••••• High-performance submicron CMOS technology
••••• Available in a 64-lead thin quad flatpack (TQFP/STQFP)
FUNCTIONAL BLOCK DIAGRAM
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
256 x 18, 512 x 18
1,024 x 18, 2,048 x 18
4,096 x 18
OFFSET REGISTER
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF/(WXO)
READ POINTER
READ CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
EXPANSION LOGIC
RESET LOGIC
WEN
WCLK
D0-D17
LD
RS
(
HF)/WXO
WXI
REN
RCLK
OE
Q0-Q17
RXO
RXI
FL
4294 drw 01
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT72V205/72V215/72V225/72V235/72V245arefunctionallycom-
patibleversionsoftheIDT72205LB/72215LB/72225LB/72235LB/72245LB,
designed to run off a 3.3V supply for exceptionally low power consumption.
These devices are very high-speed, low-power First-In, First-Out (FIFO)
memories with clocked read and write controls. These FIFOs are applicable
forawidevarietyofdatabufferingneeds,suchasopticaldiskcontrollers,Local
AreaNetworks(LANs),andinterprocessorcommunication.
TheseFIFOshave18-bitinputandoutputports. Theinputportiscontrolled
byafree-runningclock(WCLK),andaninputenablepin(WEN).Dataisread
intothesynchronousFIFOoneveryclockwhenWENisasserted.Theoutput
portiscontrolledbyanotherclockpin(RCLK)andanotherenablepin(REN).
TheReadClock(RCLK)canbetiedtotheWriteClockforsingleclockoperation
orthetwoclockscanrunasynchronousofoneanotherfordual-clockoperation.
AnOutputEnablepin(OE)isprovidedonthereadportforthree-statecontrol
oftheoutput.


Similar Part No. - 72V225L15TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V225L15TFG8 RENESAS-72V225L15TFG8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - 72V225L15TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com