Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72T36105L6-7BBGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72T36105L6-7BBGI
Description  2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T36105L6-7BBGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72T36105L6-7BBGI Datasheet HTML 3Page - Integrated Device Technology 72T36105L6-7BBGI Datasheet HTML 4Page - Integrated Device Technology 72T36105L6-7BBGI Datasheet HTML 5Page - Integrated Device Technology 72T36105L6-7BBGI Datasheet HTML 6Page - Integrated Device Technology 72T36105L6-7BBGI Datasheet HTML 7Page - Integrated Device Technology 72T36105L6-7BBGI Datasheet HTML 8Page - Integrated Device Technology 72T36105L6-7BBGI Datasheet HTML 9Page - Integrated Device Technology 72T36105L6-7BBGI Datasheet HTML 10Page - Integrated Device Technology 72T36105L6-7BBGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T3645/55/65/75/85/95/105/115/125 2.5V TeraSync
™ 36-BIT FIFO
1K x 36, 2K x 36, 4K x 36, 8K x 36, 16K x 36, 32K x 36, 64K x 36, 128K x 36 and 256K x 36
FEBRUARY 4, 2009
PIN DESCRIPTION
ASYR(1) Asynchronous
LVTTL
A HIGH on this input during Master Reset will select Synchronous read operation for the output port. A LOW
Read Port
INPUT
willselectAsynchronousoperation.IfAsynchronousisselectedtheFIFOmustoperateinIDTStandardmode.
ASYW(1) Asynchronous
LVTTL
A HIGH on this input during Master Reset will select Synchronous write operation for the input port. A LOW
WritePort
INPUT
will select Asynchronous operation.
BE(1)
Big-Endian/
LVTTL
During Master Reset, a LOW on
BE will select Big-Endian operation. A HIGH on BE during Master Reset
Little-Endian
INPUT
willselectLittle-Endianformat.
BM(1)
Bus-Matching
LVTTL
BM works with IW and OW to select the bus sizes for both write and read ports. See Table 1 for bus size
INPUT
configuration.
D0–D35 DataInputs
HSTL-LVTTL Data inputs for a 36-, 18- or 9-bit bus. When in 18- or 9-bit mode, the unused input pins should be tied to GND.
INPUT
EF/OR
Empty Flag/
HSTL-LVTTL In the IDT Standard mode, the
EFfunctionisselected.EFindicateswhetherornottheFIFOmemoryisempty.
Output Ready
OUTPUT
In FWFT mode, the
OR function is selected. OR indicates whether or not there is valid data available at the
outputs.
ERCLK RCLK Echo
HSTL-LVTTL Read clock Echo output, only available when the Read is setup for Synchronous mode.
OUTPUT
EREN
Read Enable Echo HSTL-LVTTL Read Enable Echo output, only available when the Read is setup for Synchronous mode.
OUTPUT
FF/IR
Full Flag/
HSTL-LVTTL In the IDT Standard mode, the
FF function is selected. FF indicates whether or not the FIFO memory is
Input Ready
OUTPUT
full. In the FWFT mode, the
IR function is selected. IR indicates whether or not there is space available for
writing to the FIFO memory.
FSEL0(1) Flag Select Bit 0
LVTTL
During Master Reset, this input along with FSEL1 and the
LD pin, will select the default offset values for the
INPUT
programmable flags
PAE and PAF. There are up to eight possible settings available.
FSEL1(1) Flag Select Bit 1
LVTTL
During Master Reset, this input along with FSEL0 and the
LD pin will select the default offset values for the
INPUT
programmable flags
PAE and PAF. There are up to eight possible settings available.
FWFT/
First Word Fall
HSTL-LVTTL During Master Reset, selects First Word Fall Through or IDT Standard mode. After Master Reset, this pin
SI
Through/Serial In
INPUT
functions as a serial input for loading offset registers. If Asynchronous operation of the read port has been
selected then the FIFO must be set-up in IDT Standard mode.
HF
Half-Full Flag
HSTL-LVTTL
HF indicates whether the FIFO memory is more or less than half-full.
OUTPUT
IP(1)
Interspersed Parity
LVTTL
During Master Reset, a LOW on IP will select Non-Interspersed Parity mode. A HIGH will select Interspersed
INPUT
Parity mode.
IW(1)
InputWidth
LVTTL
This pin, along with OW and BM, selects the bus width of the write port. See Table 1 for bus size configuration.
INPUT
LD
Load
HSTL-LVTTL This is a dual purpose pin. During Master Reset, the state of the
LD input along with FSEL0 and FSEL1,
INPUT
determines one of eight default offset values for the
PAEandPAFflags,alongwiththemethodbywhichthese
offsetregisterscanbeprogrammed,parallelorserial(seeTable2).AfterMasterReset,thispinenableswriting
to and reading from the offset registers.THIS PIN MUST BE HIGH AFTER MASTER RESET TO WRITE
OR READ DATA TO/FROM THE FIFO MEMORY.
MARK
Mark for Retransmit HSTL-LVTTL When this pin is asserted the current location of the read pointer will be marked. Any subsequent Retransmit
INPUT
operation will reset the read pointer to this position.
MRS
Master Reset
HSTL-LVTTL
MRS initializes the read and write pointers to zero and sets the output register to all zeroes. During Master
INPUT
Reset, the FIFO is configured for either FWFT or IDT Standard mode, Bus-Matching configurations,
Synchronous/Asynchronousoperationofthereadorwriteport,oneofeightprogrammableflagdefaultsettings,
serialorparallelprogrammingoftheoffsetsettings,Big-Endian/Little-Endianformat,zerolatencytimingmode,
interspersed parity, and synchronous versus asynchronous programmable flag timing modes.
OE
OutputEnable
HSTL-LVTTL
OE provides Asynchronous three-state control of the data outputs, Qn. During a Master or Partial Reset the
INPUT
OE input is the only input that provide High-Impedance control of the data outputs.
OW(1)
OutputWidth
LVTTL
This pin, along with IW and BM, selects the bus width of the read port. See Table 1 for bus size configuration.
INPUT
PAE
Programmable
HSTL-LVTTL
PAE goes LOW if the number of words in the FIFO memory is less than offset n, which is stored in the Empty
Almost-EmptyFlag
OUTPUT
Offset register.
PAEgoesHIGHifthenumberofwordsintheFIFOmemoryisgreaterthanorequaltooffsetn.
PAF
Programmable
HSTL-LVTTL
PAFgoesHIGHifthenumberoffreelocationsintheFIFOmemoryismorethanoffsetm,whichisstoredinthe
Almost-FullFlag
OUTPUT
Full Offsetregister.
PAFgoesLOWifthenumberoffreelocationsintheFIFOmemoryislessthanorequaltom.
PFM(1)
Programmable
LVTTL
During Master Reset, a LOW on PFM will select Asynchronous Programmable flag timing mode. A HIGH on
Flag Mode
INPUT
PFM will select Synchronous Programmable flag timing mode.
Symbol
Name
I/O TYPE
Description


Similar Part No. - 72T36105L6-7BBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72T36105L6-7BBGI RENESAS-72T36105L6-7BBGI Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
More results

Similar Description - 72T36105L6-7BBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645 Datasheet
556Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com