Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7014S25JG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7014S25JG
Description  HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7014S25JG Datasheet(HTML) 2 Page - Integrated Device Technology

  7014S25JG Datasheet HTML 1Page - Integrated Device Technology 7014S25JG Datasheet HTML 2Page - Integrated Device Technology 7014S25JG Datasheet HTML 3Page - Integrated Device Technology 7014S25JG Datasheet HTML 4Page - Integrated Device Technology 7014S25JG Datasheet HTML 5Page - Integrated Device Technology 7014S25JG Datasheet HTML 6Page - Integrated Device Technology 7014S25JG Datasheet HTML 7Page - Integrated Device Technology 7014S25JG Datasheet HTML 8Page - Integrated Device Technology 7014S25JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IDT7014S
High-Speed 4K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Pin Configuration(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. J52-1 package body is approximately .75 in x .75 in. x .17 in.
PN64-1 package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate the orientation of the actual part-marking
2528 drw 02
IDT 7014J
J52(4)
52-Pin
PLCC
Top View(5)
INDEX
46
45
44
43
42
41
40
39
38
37
36
35
34
I/O6L
A6L
A7L
A8L
A9L
A10L
A11L
VCC
I/O7L
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
1
2
3
4
5
6
7
33
32
31
30
29
28
27
26
25
24
23
22
21
OEL
R/
WL
GND
I/O8L
I/O6R
I/O5R
I/O7R
GND
R/
WR
GND
OER
A11R
A10R
A8R
A7R
A9R
I/O8R
INDEX
7014
PN64(4)
8 9 10 11 12 131415 16
1 2 3
GND
GND
4 5
N/C
N/C
N/C
N/C
6 7
46 45 44 43 42 41 40 39 38 37 36 35 34
47
48
33
17
18
19
20
32
31
30
29
28
27
26
25
24
23
22
21
49
50
51
52
63
62
61
60
59
58
57
56
55
54
53
64
2528 drw 03
I/O5L
VCC
I/O4L
I/O3L
I/O2L
I/O1L
I/O0L
I/O0R
I/O1R
I/O2R
I/O3R
VCC
I/O4R
I/O5R
A5R
A4R
A3R
A2R
A1R
A0R
A0L
A1L
A2L
A3L
A4L
A5L


Similar Part No. - 7014S25JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7014S25JG IDT-7014S25JG Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
7014S25JG8 IDT-7014S25JG8 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
7014S25JGI IDT-7014S25JGI Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
7014S25JGI8 IDT-7014S25JGI8 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results

Similar Description - 7014S25JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com