Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7014S15JG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 7014S15JG
Description  HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7014S15JG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 7014S15JG Datasheet HTML 2Page - Integrated Device Technology 7014S15JG Datasheet HTML 3Page - Integrated Device Technology 7014S15JG Datasheet HTML 4Page - Integrated Device Technology 7014S15JG Datasheet HTML 5Page - Integrated Device Technology 7014S15JG Datasheet HTML 6Page - Integrated Device Technology 7014S15JG Datasheet HTML 7Page - Integrated Device Technology 7014S15JG Datasheet HTML 8Page - Integrated Device Technology 7014S15JG Datasheet HTML 9Page - Integrated Device Technology 7014S15JG Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
6.42
IDT7014S
High-Speed 4K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
Ordering Information
Datasheet Document History
01/06/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetic and typographical corrections
Page 2
Added additional notes to pin configurations
06/03/99:
Changed drawing format
Page 1
Corrected DSC number
03/10/00:
Added Industrial Temperature Ranges and deleted corresponding notes
Replaced IDT logo
Page 1
Made corrections to drawing
Changed ±200mV to 0mV in notes
Page 6
Made changes to drawings
05/19/00:
Page 3
Increased storage temperature parameter
Clarified TA parameter
10/16/01:
Page 2
Added date revision for pin configuration
Pages 4, 5 & 7
Removed Industrial temp values and column headings for 15 & 25ns speeds from
DC and AC Electrical Characteristics
Page 9
Removed Industrial temp offering from 15 & 25ns ordering information
Added Industrial temp footnote to ordering information
Pages 1 & 9
Replaced TM logo with ® logo
04/04/06:
Page 1
Added green availability to features
Page 9
Added green indicator to ordering information
12/11/08:
Page 9
Removed "IDT" from orderable part number
08/18/14:
Page 9
Added Tape and Reel to Ordering Information
Page 2 & 9
The package codes PN84-1 & J52-1 changed to PN84 & J52 respectively to match standard
package codes
NOTES:
1. Industrial temperature: for other speeds, packages and powers contact your sales office.
2. Green parts avaliable. For specific speeds, packages and powers contact your local sales office.
2528 drw 11
XXXX
A
999
A
A
Device Type
Power
Speed
Package
Process/
Temperature
Range
Blank
I(1)
PF
J
12
15
20
25
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
64-pin TQFP (PN64)
52-pin PLCC (J52)
Speed in nanoseconds
Commercial Only
Commercial Only
Commercial & Industrial
Commercial Only
S
Standard Power
7014
36K (4K x 9-Bit) Dual-Port RAM
A
G(2)
Green
Blank
8
Tube or Tray
Tape and Reel
A


Similar Part No. - 7014S15JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7014S15JG IDT-7014S15JG Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
7014S15JG8 IDT-7014S15JG8 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
7014S15JGI IDT-7014S15JGI Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
7014S15JGI8 IDT-7014S15JGI8 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results

Similar Description - 7014S15JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com