Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-101-CFF-A1P2 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FX-101-CFF-A1P2
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-101-CFF-A1P2 Datasheet(HTML) 2 Page - Vectron International, Inc

  FX-101-CFF-A1P2 Datasheet HTML 1Page - Vectron International, Inc FX-101-CFF-A1P2 Datasheet HTML 2Page - Vectron International, Inc FX-101-CFF-A1P2 Datasheet HTML 3Page - Vectron International, Inc FX-101-CFF-A1P2 Datasheet HTML 4Page - Vectron International, Inc FX-101-CFF-A1P2 Datasheet HTML 5Page - Vectron International, Inc FX-101-CFF-A1P2 Datasheet HTML 6Page - Vectron International, Inc FX-101-CFF-A1P2 Datasheet HTML 7Page - Vectron International, Inc FX-101-CFF-A1P2 Datasheet HTML 8Page - Vectron International, Inc FX-101-CFF-A1P2 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FX-101 Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web:www.vectron.com
Output Frequencies
1.544
77.76
MHz
Supply Voltage,
C = 5 Vdc
Vcc
4.75
5.00
5.25
Vdc
D = 3.3 Vdc
Vcc
3.15
3.30
3.45
Vdc
Supply Current
Icc
45
70
mA
Input Signal, “0”
A = HCMOS
CLKIN
0
0.2 (VCC)
Vdc
Input Signal, “1”
A = HCMOS
CLKIN
0.7 (VCC)
5.5
Vdc
OUTPUT,
F = Comp PECL
--
--
PECL
--
--
VOH
VOH
Vcc-1.025
Vcc-0.880
Vdc
VOL
VOL
Vcc-1.810
Vcc-1.620
Vdc
Rise / Fall Time (77.76 MHz)
tR /tF
0.5
2
ns
OUTPUT,
A = HCMOS
--
--
HCMOS
--
--
VOH, IOL = 50 uA
VOH
VCC-0.3
Vdc
VOL, IOL = 50 uA
VOL
0.1
Vdc
Rise / Fall Time (77.76 MHz/20% to 80%)
tR /tF
1.4
2.5
ns
Output Symmetry,
Sym
45
55
%
Freq >62.208MHz and 3.3V
Sym
40
60
%
Jitter @ 77.76 MHz (rms 12 kHz to 20 MHz)
0.5
1
ps
Jitter @ 77.76 MHz (cycle to cycle method)
3
5
ps
Jitter Transfer, GR-253-CORE sec 5.6.2.1.2
0.1
dB
Input Frequency Tracking Capability
(Can translate Stratum 1,2,3,3E,4 or SONET Min)
APR
±50
ppm
Operating Temperature
Temp Range C = 0°C to +70°C
Temp Range F = -40°C to +85°C
Size
25.4 x 20.32 x 5.08 (1.0” x 0.8” x 0.20”)
Performance Characteristics
Parameter
Symbol
Min
Typical
Max
Unit
Description
Vectron's FX-101 is a crystal based frequency translator
which is used to translate any input frequency such as 8
kHz, 1.544 MHz, 2.048 MHz, 19.440 MHz etc.to any spe-
cific frequency less than or equal to 77.76 MHz. The input
frequency does not have to be a 50/50% duty cycle and
as an example can be an 8 kHz signal with a logic high
"on time" of only 1us, such as a BITS clock. The FX-101
also has the ability to translate any of 1 to 4 different input
frequencies to one common output frequency, such as
input frequencies of 8 kHz and 1.544 MHz and 19.44 MHz
and any other frequency between 8 kHz and 170 MHz
translating them to an output frequency up to 77.76 MHz.
The "Input Frequency tracking capability" is the total
amount of input frequency deviation in which the FX-101
is guaranteed to track or translate. As an example, a typ-
ical input clock would be 8 kHz ±20 ppm.The FX-101 is
guaranteed to track at least ±50 ppm of error over tem-
perature/aging/power supply and is more than twice what
most applications require. The PLL control voltage is
brought out through a 470K ohm resistor.This would allow
for the use of external circuitry (analog comparators or an
A/D converter plus a processor) to detect when the con-
trol voltage is getting close to the limits of the pull range.


Similar Part No. - FX-101-CFF-A1P2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101 Datasheet
332Kb / 7P
   Frequency Translator
logo
CML Microcircuits
FX-101L CMLMICRO-FX-101L Datasheet
816Kb / 6P
   MULTI - PURPOSE FREQUENCY SENSITIVE SWITCH
logo
List of Unclassifed Man...
FX-101P-CC2 ETC2-FX-101P-CC2 Datasheet
5Mb / 16P
   Digital Fiber Sensor FX-100 SERIES
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
More results

Similar Description - FX-101-CFF-A1P2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com