Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70T633S12BCG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70T633S12BCG
Description  HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T633S12BCG Datasheet(HTML) 1 Page - Integrated Device Technology

  70T633S12BCG Datasheet HTML 1Page - Integrated Device Technology 70T633S12BCG Datasheet HTML 2Page - Integrated Device Technology 70T633S12BCG Datasheet HTML 3Page - Integrated Device Technology 70T633S12BCG Datasheet HTML 4Page - Integrated Device Technology 70T633S12BCG Datasheet HTML 5Page - Integrated Device Technology 70T633S12BCG Datasheet HTML 6Page - Integrated Device Technology 70T633S12BCG Datasheet HTML 7Page - Integrated Device Technology 70T633S12BCG Datasheet HTML 8Page - Integrated Device Technology 70T633S12BCG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
©2012 Integrated Device Technology, Inc.
1
JUNE 2012
DSC-5670/9
Functional Block Diagram
Full hardware support of semaphore signaling between
ports on-chip
Fully asynchronous operation from either port
Separate byte controls for multiplexed bus and bus
matching compatibility
Sleep Mode Inputs on both ports
Supports JTAG features compliant to IEEE 1149.1 in
BGA-208 and BGA-256 packages
Single 2.5V (±100mV) power supply for core
LVTTL-compatible, selectable 3.3V (±150mV)/2.5V (±100mV)
power supply for I/Os and control signals on each port
Available in a 256-ball Ball Grid Array and 208-ball fine pitch
Ball Grid Array
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
Features
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 10/12/15ns (max.)
– Industrial: 10/12ns (max.)
RapidWrite Mode simplifies high-speed consecutive write
cycles
Dual chip enables allow for depth expansion without
external logic
IDT70T633/1 easily expands data bus width to 36 bits or
more using the Master/Slave select when cascading more
than one device
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
Busy and Interrupt Flags
On-chip port arbitration logic
HIGH-SPEED 2.5V
512/256K x 18
ASYNCHRONOUS DUAL-PORT
STATIC RAM
WITH 3.3V 0R 2.5V INTERFACE
IDT70T633/1S
1. Address A18x is a NC for IDT70T631.
2. BUSY is an input as a Slave (M/S=VIL) and an output when it is a Master (M/S=VIH).
3
BUSY
and INT are non-tri-state totem-pole outputs (push-pull).
4. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. OPTx, INTx, M/S and the
sleep mode pins themselves (ZZx) are not affected during sleep mode.
CE 0R
R/
W R
CE1R
LB R
UB R
512/256K x 18
MEMORY
ARRAY
Address
Decoder
A18R(1)
A0R
Address
Decoder
CE 0L
R/W L
CE1L
LB L
UB L
Dout0-8_L
Dout9-17_L
Dout0-8_R
Dout9-17_R
B
E
0
L
B
E
1
L
B
E
1
R
B
E
0
R
I/O0L-I/O17L
I/O0R -I/O17R
Din_L
ADDR_L
Din_R
ADDR_R
OER
OEL
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
M/
S
R/
WL
OEL
R/
WR
OER
CE 0L
CE1L
CE 0R
CE1R
5670 drw 01
A18L(1)
A0L
ZZ
CONTROL
LOGIC
ZZL
(4)
ZZR
(4)
JTAG
TCK
TRST
TMS
TDI
TDO
INTL(3)
SEM L
BU S Y L(2,3)
BU SY R(2,3)
SEM R
IN TR(3)
NOTES:


Similar Part No. - 70T633S12BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T633S12BCG IDT-70T633S12BCG Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
70T633S12BCG8 IDT-70T633S12BCG8 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
70T633S12BCGI IDT-70T633S12BCGI Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
70T633S12BCGI8 IDT-70T633S12BCGI8 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T633S12BCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70V631S IDT-IDT70V631S Datasheet
306Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V631 RENESAS-70V631 Datasheet
511Kb / 25P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S_13 Datasheet
198Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V631S IDT-IDT70V631S_17 Datasheet
231Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com