Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V27L20BFGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70V27L20BFGI
Description  HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V27L20BFGI Datasheet(HTML) 1 Page - Integrated Device Technology

  70V27L20BFGI Datasheet HTML 1Page - Integrated Device Technology 70V27L20BFGI Datasheet HTML 2Page - Integrated Device Technology 70V27L20BFGI Datasheet HTML 3Page - Integrated Device Technology 70V27L20BFGI Datasheet HTML 4Page - Integrated Device Technology 70V27L20BFGI Datasheet HTML 5Page - Integrated Device Technology 70V27L20BFGI Datasheet HTML 6Page - Integrated Device Technology 70V27L20BFGI Datasheet HTML 7Page - Integrated Device Technology 70V27L20BFGI Datasheet HTML 8Page - Integrated Device Technology 70V27L20BFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
©2012 Integrated Device Technology, Inc.
6.01
1
SEPTEMBER 2012
DSC3603/12
Features:
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 15/20/25/35/55ns (max.)
– Industrial: 20/35ns (max.)
Low-power operation
– IDT70V27S
Active: 500mW (typ.)
Standby: 3.3mW (typ.)
– IDT70V27L
Active: 500mW (typ.)
Standby: 660
µW (typ.)
Separate upper-byte and lower-byte control for bus
matching capability
Dual chip enables allow for depth expansion without
external logic
IDT70V27S/L
IDT70V27 easily expands data bus width to 32 bits or more
using the Master/Slave select when cascading more than
one device
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
Busy and Interrupt Flags
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
LVTTL-compatible, single 3.3V (±0.3V) power supply
Available in 100-pin Thin Quad Flatpack (TQFP), and 144-
pin Fine Pitch BGA (fpBGA)
Industrial temperature range (-40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
I/O
Control
Address
Decoder
32Kx16
MEMORY
ARRAY
70V27
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE0L
OEL
R/
WL
A14L
A0L
A14L
A0L
SEML
INT L
(2)
BUSYL
(1,2)
LBL
CE0L
OEL
UBL
I/O
Control
Address
Decoder
CE0R
OER
R/
WR
A14R
A0R
A14R
A0R
SEMR
INTR
(2)
BUSYR
(1,2)
LBR
R/
WR
OER
UBR
M/
S
(2)
CE1L
CE0R
CE1R
3603 drw 01
I/O0-7L
CE1R
CE1L
I/O8-15L
I/O0-7R
I/O8-15R
R/
WL
,
NOTES:
1) BUSY is an input as a Slave (M/S=VIL) and an output as a Master (M/S=VIH).
2) BUSY and INT are non-tri-state totem-pole outputs (push-pull).
HIGH-SPEED 3.3V
32K x 16 DUAL-PORT
STATIC RAM
Functional Block Diagram


Similar Part No. - 70V27L20BFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V27L20PFG IDT-70V27L20PFG Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L20PFG8 IDT-70V27L20PFG8 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L20PFGI IDT-70V27L20PFGI Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
70V27L20PFGI8 IDT-70V27L20PFGI8 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70V27L20BFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S Datasheet
192Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V27S IDT-IDT70V27S_18 Datasheet
243Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
IDT70V9279S IDT-IDT70V9279S Datasheet
337Kb / 19P
   HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_18 Datasheet
188Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S Datasheet
160Kb / 19P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com