Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V2113L15PFG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V2113L15PFG8
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V2113L15PFG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  72V2113L15PFG8 Datasheet HTML 1Page - Integrated Device Technology 72V2113L15PFG8 Datasheet HTML 2Page - Integrated Device Technology 72V2113L15PFG8 Datasheet HTML 3Page - Integrated Device Technology 72V2113L15PFG8 Datasheet HTML 4Page - Integrated Device Technology 72V2113L15PFG8 Datasheet HTML 5Page - Integrated Device Technology 72V2113L15PFG8 Datasheet HTML 6Page - Integrated Device Technology 72V2113L15PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V2113L15PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V2113L15PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
The IDT72V2103/72V2113 are exceptionally deep, high speed, CMOS
First-In-First-Out(FIFO)memorieswithclockedreadandwritecontrolsanda
flexibleBus-Matchingx9/x18dataflow.TheseFIFOsoffernumerousimprove-
ments over previous SuperSync FIFOs, including the following:
• Flexible x9/x18 Bus-Matching on both read and write ports.
• Thelimitationofthefrequencyofoneclockinputwithrespecttotheotherhas
been removed. The Frequency Select pin (FS) has been removed, thus it
isnolongernecessarytoselectwhichofthetwoclockinputs,RCLKorWCLK,
is running at the higher frequency.
• The period required by the retransmit operation is now fixed and short.
• Thefirstworddatalatencyperiod,fromthetimethefirstwordiswrittentoan
emptyFIFOtothetimeitcanberead,isnowfixedandshort.(Thevariable
clock cycle counting delay associated with the latency period found on
previousSuperSyncdeviceshasbeeneliminatedonthisSuperSyncfamily.)
• Asynchronous/Synchronous translation on the read or write ports.
• High density offerings up to 4 Mbit.
Bus-Matching SuperSync FIFOs are particularly appropriate for network,
video,telecommunications,datacommunicationsandotherapplicationsthat
needtobufferlargeamountsofdataandmatchbussesofunequalsizes.
PIN CONFIGURATIONS
TQFP (PN80, order code: PF)
TOP VIEW
DESCRIPTION:
DNC(1)
OE
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
IW
GND
D17
D16
D14
D15
D13
GND
D12
D11
D10
D9
D8
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
60
59
RT
Q17
Q16
GND
GND
Q15
Q14
Q13
Q12
Q11
GND
Q9
Q8
Q7
INDEX
WEN
SEN
DNC(1)
Q10
VCC
6119 drw02
20
1
VCC
VCC
VCC
GND
VCC
VCC
NOTE:
1. DNC = Do Not Connect.


Similar Part No. - 72V2113L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V2113L15PFG8 IDT-72V2113L15PFG8 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
More results

Similar Description - 72V2113L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com