Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V291L20TFGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 72V291L20TFGI
Description  3.3 VOLT CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V291L20TFGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 72V291L20TFGI Datasheet HTML 7Page - Integrated Device Technology 72V291L20TFGI Datasheet HTML 8Page - Integrated Device Technology 72V291L20TFGI Datasheet HTML 9Page - Integrated Device Technology 72V291L20TFGI Datasheet HTML 10Page - Integrated Device Technology 72V291L20TFGI Datasheet HTML 11Page - Integrated Device Technology 72V291L20TFGI Datasheet HTML 12Page - Integrated Device Technology 72V291L20TFGI Datasheet HTML 13Page - Integrated Device Technology 72V291L20TFGI Datasheet HTML 14Page - Integrated Device Technology 72V291L20TFGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V281/72V291 3.3V CMOS SUPERSYNC FIFOTM
65,536 x 9 and 131,072 x 9
Parallel reading of the offset registers is always permitted regardless of
which timing mode (IDT Standard or FWFT modes) has been selected.
RETRANSMIT OPERATION
The Retransmit operation allows data that has already been read to be
accessed again. There are two stages: first, a setup procedure that resets
the read pointer to the first location of memory, then the actual retransmit,
which consists of reading out the memory contents, starting at the beginning
of memory.
Retransmit setup is initiated by holding RT LOW during a rising RCLK
edge. REN and WEN must be HIGH before bringing RT LOW. At least
one word, but no more than D - 2 words should have been written into the
FIFO between Reset (Master or Partial) and the time of Retransmit setup.
D = 65,536 for the IDT72V281 and D = 131,072 for the IDT72V291 in IDT
Standard mode. In FWFT mode, D = 65,537 for the IDT72V281 and
D = 131,073 for the IDT72V291.
If IDT Standard mode is selected, the FIFO will mark the beginning of
the Retransmit setup by setting EF LOW. The change in level will only be
noticeable if EF was HIGH before setup. During this period, the internal
read pointer is initialized to the first location of the RAM array.
When EF goes HIGH, Retransmit setup is complete and read opera-
tions may begin starting with the first location in memory. Since IDT
Standard mode is selected, every word read including the first word
following Retransmit setup requires a LOW on REN to enable the rising
edge of RCLK. See Figure 11, Retransmit Timing (IDT Standard Mode), for
the relevant timing diagram.
If FWFT mode is selected, the FIFO will mark the beginning of the
Retransmit setup by setting OR HIGH. During this period, the internal read
pointer is set to the first location of the RAM array.
When OR goes LOW, Retransmit setup is complete; at the same time,
the contents of the first location appear on the outputs. Since FWFT mode
is selected, the first word appears on the outputs, no LOW on REN is
necessary. Reading all subsequent words requires a LOW on REN to
enable the rising edge of RCLK. See Figure 12, Retransmit Timing (FWFT
Mode), for the relevant timing diagram.
For either IDT Standard mode or FWFT mode, updating of the PAE,
HF and PAF flags begin with the rising edge of RCLK that RT is setup.
PAE is synchronized to RCLK, thus on the second rising edge of RCLK
after RT is setup, the PAE flag will be updated. HF is asynchronous, thus
the rising edge of RCLK that RT is setup will update HF. PAF is
synchronized to WCLK, thus the second rising edge of WCLK that occurs
tSKEW after the rising edge of RCLK that RT is setup will update PAF. RT
is synchronized to RCLK.


Similar Part No. - 72V291L20TFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V293L10BCG RENESAS-72V293L10BCG Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCG8 RENESAS-72V293L10BCG8 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCGI RENESAS-72V293L10BCGI Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCGI8 RENESAS-72V293L10BCGI8 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10PFG RENESAS-72V293L10PFG Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
More results

Similar Description - 72V291L20TFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com