Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70T651S15DRG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70T651S15DRG8
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T651S15DRG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  70T651S15DRG8 Datasheet HTML 1Page - Integrated Device Technology 70T651S15DRG8 Datasheet HTML 2Page - Integrated Device Technology 70T651S15DRG8 Datasheet HTML 3Page - Integrated Device Technology 70T651S15DRG8 Datasheet HTML 4Page - Integrated Device Technology 70T651S15DRG8 Datasheet HTML 5Page - Integrated Device Technology 70T651S15DRG8 Datasheet HTML 6Page - Integrated Device Technology 70T651S15DRG8 Datasheet HTML 7Page - Integrated Device Technology 70T651S15DRG8 Datasheet HTML 8Page - Integrated Device Technology 70T651S15DRG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
IDT70T651/9S
High-Speed 2.5V 256/128K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
The IDT70T651/9 is a high-speed 256/128K x 36 Asynchronous
Dual-Port Static RAM. The IDT70T651/9 is designed to be used as a
stand-alone 9216/4608K-bit Dual-Port RAM or as a combination MAS-
TER/SLAVEDual-PortRAMfor72-bit-or-morewordsystem.Usingthe
IDT MASTER/SLAVE Dual-Port RAM approach in 72-bit or wider
memory system applications results in full-speed, error-free operation
withouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
feature controlled by the chip enables (either CE0 or CE1) permit the
on-chip circuitry of each port to enter a very low standby power mode.
TheIDT70T651/9hasaRapidWriteModewhichallowsthedesigner
to perform back-to-back write operations without pulsing the R/W input
each cycle. This is especially significant at the 10ns cycle time of the
IDT70T651/9,easingdesignconsiderationsatthesehighperformance
levels.
The70T651/9cansupportanoperatingvoltageofeither3.3Vor2.5V
on one or both ports, controlled by the OPT pins. The power supply for
the core of the device (VDD) is at 2.5V.


Similar Part No. - 70T651S15DRG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T651S15DRG8 IDT-70T651S15DRG8 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T651S15DRG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com