Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V261L35PFG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V261L35PFG
Description  HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V261L35PFG Datasheet(HTML) 3 Page - Integrated Device Technology

  70V261L35PFG Datasheet HTML 1Page - Integrated Device Technology 70V261L35PFG Datasheet HTML 2Page - Integrated Device Technology 70V261L35PFG Datasheet HTML 3Page - Integrated Device Technology 70V261L35PFG Datasheet HTML 4Page - Integrated Device Technology 70V261L35PFG Datasheet HTML 5Page - Integrated Device Technology 70V261L35PFG Datasheet HTML 6Page - Integrated Device Technology 70V261L35PFG Datasheet HTML 7Page - Integrated Device Technology 70V261L35PFG Datasheet HTML 8Page - Integrated Device Technology 70V261L35PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
6.42
IDT70V261S/L
High-Speed 16K x 16 Dual-Port Static RAM with Interrupt
Industrial and Commercial Temperature Ranges
3
Truth Table II: Semaphore Read/Write Control(1)
Truth Table I: Non-Contention Read/Write Control
NOTE:
1. A0L — A13L
≠ A0R — A13R
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O15). These eight semaphores are addressed by A0-A2.
Inputs(1)
Outputs
Mode
CE
R/W
OE
UB
LB
SEM
I/O8-15
I/O0-7
H
XXXX
H
High-Z
High-Z
Deselected: Power-Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected: Power-Down
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
LL
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
LL
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
LH
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
LH
LH
LH
High-Z
DATAOUT
Read Lower Byte Only
L
H
LLL
H
DATAOUT
DATAOUT
Read Both Bytes
XX
H
XXX
High-Z
High-Z
Outputs Disabled
3040 tbl 02
Inputs(1)
Outputs
Mode
CE
R/W
OE
UB
LB
SEM
I/O8-15
I/O0-7
HHL
X
X
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
XH
LH
H
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
H
XXX
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
X
XH
H
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
X
L
____
____
Not Allowed
L
XXX
L
L
____
____
Not Allowed
3040 tbl 03


Similar Part No. - 70V261L35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V261L35PFG IDT-70V261L35PFG Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
70V261L35PFG8 IDT-70V261L35PFG8 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
70V261L35PFGI IDT-70V261L35PFGI Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
70V261L35PFGI8 IDT-70V261L35PFGI8 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70V261L35PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com