Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7014S15PFG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7014S15PFG8
Description  HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7014S15PFG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  7014S15PFG8 Datasheet HTML 1Page - Integrated Device Technology 7014S15PFG8 Datasheet HTML 2Page - Integrated Device Technology 7014S15PFG8 Datasheet HTML 3Page - Integrated Device Technology 7014S15PFG8 Datasheet HTML 4Page - Integrated Device Technology 7014S15PFG8 Datasheet HTML 5Page - Integrated Device Technology 7014S15PFG8 Datasheet HTML 6Page - Integrated Device Technology 7014S15PFG8 Datasheet HTML 7Page - Integrated Device Technology 7014S15PFG8 Datasheet HTML 8Page - Integrated Device Technology 7014S15PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
©2016 Integrated Device Technology, Inc.
MARCH 2016
DSC
2528/18
HIGH-SPEED
4K x 9DUAL-PORT
STATIC RAM
IDT7014S
Functional Block Diagram
Features:
True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
High-speed access
– Commercial: 12/15/20/25ns (max.)
– Industrial: 20ns (max.)
Standard-power operation
– IDT7014S
Active: 750mW (typ.)
Fully asynchronous operation from either port
TTL-compatible; single 5V (±10%) power supply
Available in 52-pin PLCC and a 64-pin TQFP
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
I/O
CONTROL
I/O
CONTROL
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
R/
WR
OER
A0R-A11R
R/
WL
OEL
A0L-A11L
I/O0L-I/O8L
2528 drw 01
I/O0R-I/O8R
Description:
The IDT7014 is a high-speed 4K x 9 Dual-Port Static RAM designed
to be used in systems where on-chip hardware port arbitration is not
needed.Thispart lendsitselftohigh-speedapplicationswhichdonotrely
onBUSYsignalstomanagesimultaneousaccess.
The IDT7014 provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. See functional description.
The IDT7014 utilitizes a 9-bit wide data path to allow for parity at the
user's option. This feature is especially useful in data communication
applications where it is necessary to use a parity bit for transmission/
receptionerrorchecking.
Fabricated using a high-performance technology, these Dual-Ports
typicallyoperateononly750mWofpoweratmaximumaccesstimesas
fastas12ns.
The IDT7014 is packaged in a 52-pin PLCC and a 64-pin thin quad
flatpack,(TQFP).


Similar Part No. - 7014S15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7014S15PFG8 IDT-7014S15PFG8 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results

Similar Description - 7014S15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com