Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V2113L15PFGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V2113L15PFGI8
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V2113L15PFGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  72V2113L15PFGI8 Datasheet HTML 1Page - Integrated Device Technology 72V2113L15PFGI8 Datasheet HTML 2Page - Integrated Device Technology 72V2113L15PFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V2113L15PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V2113L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V2113L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V2113L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V2113L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V2113L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
3
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
Each FIFO has a data input port (Dn) and a data output port (Qn), both of
which can assume either an 18-bit or a 9-bit width as determined by the state
ofexternalcontrolpinsInputWidth(IW)andOutputWidth(OW)duringtheMaster
Resetcycle.
TheinputportcanbeselectedaseitheraSynchronous(clocked)interface,
or Asynchronous interface. During Synchronous operation the input port is
controlledbyaWriteClock(WCLK)inputandaWriteEnable(WEN)input. Data
present on the Dn data inputs is written into the FIFO on every rising edge of
WCLK when WEN is asserted. During Asynchronous operation only the WR
inputisusedtowritedataintotheFIFO.DataiswrittenonarisingedgeofWR,
theWENinputshouldbetiedtoitsactivestate,(LOW).
TheoutputportcanbeselectedaseitheraSynchronous(clocked)interface,
or Asynchronous interface. During Synchronous operation the output port is
controlledbyaReadClock(RCLK)inputandReadEnable(REN)input. Data
is read from the FIFO on every rising edge of RCLK when REN is asserted.
DuringAsynchronousoperationonlytheRDinputisusedtoreaddatafromthe
FIFO. Data is read on a rising edge of RD, the REN input should be tied to its
activestate,LOW.WhenAsynchronousoperationisselectedontheoutputport
the FIFO must be configured for Standard IDT mode, and the OE input used
toprovidethree-statecontroloftheoutputs,Qn.
ThefrequenciesofboththeRCLKandtheWCLKsignalsmayvaryfrom0
tofMAXwithcompleteindependence.Therearenorestrictionsonthefrequency
of the one clock input with respect to the other.
Therearetwopossibletimingmodesofoperationwiththesedevices:IDT
Standard mode and First Word Fall Through (FWFT) mode.
InIDTStandardmode,thefirstwordwrittentoanemptyFIFOwillnotappear
onthedataoutputlinesunlessaspecificreadoperationisperformed.Aread
operation,whichconsistsofactivatingRENandenablingarisingRCLKedge,
willshiftthewordfrominternalmemorytothedataoutputlines.
In FWFT mode, the first word written to an empty FIFO is clocked directly
tothedataoutputlinesafterthreetransitionsoftheRCLKsignal.ARENdoes
PIN CONFIGURATIONS (CONTINUED)
BGA: 1mm pitch, 11mm x 11mm (BC100, order code: BC)
TOP VIEW
ASYW
WEN
WCLK
PAF
FF/IR
BE
ASYR
PFM
RM
REN
SEN
MRS
PRS
LD
HF
FSEL0
IP
PAE
EF/OR
RCLK
FWFT/SI
OW
VCC
VCC
VCC
RT
OE
D17
IW
VCC
GND
GND
GND
GND
VCC
Q16
Q17
D16
D13
VCC
GND
Q15
D15
D14
VCC
GND
Q12
D11
D12
VCC
GND
Q10
D8
D9
D10
VCC
Q8
D6
D7
D2
D0
Q7
D5
D4
D3
D1
TRST
TDI
Q0
Q3
Q5
Q6
A1 BALL PAD CORNER
A
B
C
D
E
F
G
H
J
K
12
3
4
5
6
7
8
9
10
6119 drw02b
GND
GND
GND
VCC
Q14
GND
GND
GND
VCC
Q13
Q9
GND
GND
GND
VCC
Q11
TMS
TCK
TDO
Q2
Q4
VCC
VCC
VCC
Q1
VCC
VCC
FSEL1
DESCRIPTION (CONTINUED)


Similar Part No. - 72V2113L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V2113L15PFGI8 IDT-72V2113L15PFGI8 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
More results

Similar Description - 72V2113L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com