Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V36110L7-5PFGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V36110L7-5PFGI8
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V36110L7-5PFGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  72V36110L7-5PFGI8 Datasheet HTML 1Page - Integrated Device Technology 72V36110L7-5PFGI8 Datasheet HTML 2Page - Integrated Device Technology 72V36110L7-5PFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V36110L7-5PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V36110L7-5PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V36110L7-5PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V36110L7-5PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V36110L7-5PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V36110L7-5PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V36100/72V36110 3.3V HIGH DENSITY SUPERSYNC IITM 36-BIT FIFO
65,536 x 36 and 131,072 x 36
PIN CONFIGURATIONS
DESCRIPTION:
TheIDT72V36100/72V36110areexceptionallydeep,highspeed,CMOS
First-In-First-Out(FIFO)memorieswithclockedreadandwritecontrolsanda
flexible Bus-Matching x36/x18/x9 data flow. These FIFOs offer several key
userbenefits:
• Flexible x36/x18/x9 Bus-Matching on both read and write ports
• The period required by the retransmit operation is fixed and short.
• Thefirstworddatalatencyperiod,fromthetimethefirstwordiswrittentoan
empty FIFO to the time it can be read, is fixed and short.
• Asynchronous/Synchronous translation on the read or write ports
• High density offerings up to 4 Mbit
Bus-MatchingSyncFIFOsareparticularlyappropriatefornetwork,video,
telecommunications,datacommunicationsandotherapplicationsthatneedto
bufferlargeamountsofdataandmatchbussesofunequalsizes.
Each FIFO has a data input port (Dn) and a data output port (Qn), both of
whichcanassumeeithera36-bit, 18-bitora9-bitwidthasdeterminedbythe
state of external control pins Input Width (IW), Output Width (OW), and Bus-
Matching (BM) pin during the Master Reset cycle.
TheinputportcanbeselectedaseitheraSynchronous(clocked)interface,
or Asynchronous interface. During Synchronous operation the input port is
controlledbyaWriteClock(WCLK)inputandaWriteEnable(WEN)input. Data
present on the Dn data inputs is written into the FIFO on every rising edge of
NOTE:
1. DNC = Do Not Connect.
VCC
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
IW
D35
D34
D33
D32
D31
VCC
D30
GND
D29
D28
D27
D26
D25
D24
D23
GND
D22
D21
D20
D19
D18
GND
D17
D16
D15
VCC
D13
D12
GND
D11
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
Q35
Q34
Q33
Q32
GND
GND
Q31
Q30
Q29
Q28
Q27
Q26
Q25
Q24
GND
GND
Q23
Q22
Q21
Q20
Q19
Q18
GND
Q17
Q16
Q15
Q14
Q13
Q12
GND
Q11
Q10
INDEX
WEN
SEN
DNC(1)
D14
VCC
VCC
VCC
VCC
VCC
VCC
6117 drw02
DNC(1)
TQFP (PK128, PKG128) Order code: PF
TOP VIEW


Similar Part No. - 72V36110L7-5PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V36110L7-5PFGI RENESAS-72V36110L7-5PFGI Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
More results

Similar Description - 72V36110L7-5PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com