Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V265LA15PFGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72V265LA15PFGI8
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V265LA15PFGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72V265LA15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V265LA15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V265LA15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V265LA15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V265LA15PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V265LA15PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72V265LA15PFGI8 Datasheet HTML 11Page - Integrated Device Technology 72V265LA15PFGI8 Datasheet HTML 12Page - Integrated Device Technology 72V265LA15PFGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
IDT72V255LA/72V265LA 3.3 VOLT CMOS SuperSync FIFO™
8,192 x 18, 16,384 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
Figure 4. Programmable Flag Offset Programming Sequence
NOTES:
1. The programming method can only be selected at Master Reset.
2. Parallel reading of the offset registers is always permitted regardless of which programming method has been selected.
3. The programming sequence applies to both IDT Standard and FWFT modes.
Figure 3. Offset Register Location and Default Values
EMPTY OFFSET REGISTER
17
0
07FH if LD is LOW at Master Reset,
3FFH if LD is HIGH at Master Reset
FULL OFFSET REGISTER
17
0
DEFAULT VALUE
DEFAULT VALUE
07FH if LD is LOW at Master Reset,
3FFH if LD is HIGH at Master Reset
12
12
IDT72V255LA
⎯ 8,192 x 18 - BIT
4672 drw 06
EMPTY OFFSET REGISTER
17
0
07FH if LD is LOW at Master Reset,
3FFH if LD is HIGH at Master Reset
FULL OFFSET REGISTER
17
0
DEFAULT VALUE
DEFAULT VALUE
07FH if LD is LOW at Master Reset,
3FFH if LD is HIGH at Master Reset
13
13
IDT72V265LA
⎯ 16,384 x 18 - BIT
Selection
Parallel write to registers:
Empty Offset
Full Offset
Parallel read from registers:
Empty Offset
Full Offset
No Operation
Write Memory
Read Memory
No Operation
4672 drw 07
LD
0
0
X
1
1
1
0
WEN
0
1
1
0
X
1
1
REN
1
0
1
X
0
1
1
Serial shift into registers:
26 bits for the 72V255LA
28 bits for the 72V265LA
SEN
1
1
1
X
X
X
0
WCLK
X
X
X
X
RCLK
X
X
X
X
X
1 bit for each rising WCLK edge
Starting with Empty Offset (LSB)
Ending with Full Offset (MSB)


Similar Part No. - 72V265LA15PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
72V261LA10PFG IDT-72V261LA10PFG Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFG8 IDT-72V261LA10PFG8 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFGI IDT-72V261LA10PFGI Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFGI8 IDT-72V261LA10PFGI8 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - 72V265LA15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com