Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V2103L15BCGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72V2103L15BCGI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V2103L15BCGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72V2103L15BCGI Datasheet HTML 5Page - Integrated Device Technology 72V2103L15BCGI Datasheet HTML 6Page - Integrated Device Technology 72V2103L15BCGI Datasheet HTML 7Page - Integrated Device Technology 72V2103L15BCGI Datasheet HTML 8Page - Integrated Device Technology 72V2103L15BCGI Datasheet HTML 9Page - Integrated Device Technology 72V2103L15BCGI Datasheet HTML 10Page - Integrated Device Technology 72V2103L15BCGI Datasheet HTML 11Page - Integrated Device Technology 72V2103L15BCGI Datasheet HTML 12Page - Integrated Device Technology 72V2103L15BCGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C; Industrial: VCC = 3.3V ± 0.15V, TA = -40°C to +85°C; JEDEC JESD8-A compliant)
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Industrial temperature range product for the 7-5ns and 10ns are available as a standard device. All other speed grades are available by special order.
3. Pulse widths less than minimum values are not allowed.
4. Values guaranteed by design, not currently tested.
5. TQFP package only: for speed grades 7-5ns, 10ns and 15ns the minimum for tA, tOE, and tOHZ is 2ns.
Commercial
Com’l & Ind’l(2)
Com’l & Ind’l(2)
Commercial
BGA & TQFP
BGA & TQFP
TQFP Only
TQFP Only
IDT72V2103L6
IDT72V2103L7-5
IDT72V2103L10
IDT72V2103L15
IDT72V2113L6
IDT72V2113L7-5
IDT72V2113L10
IDT72V2113L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
166
133.3
100
66.7
MHz
tA
DataAccessTime(5)
14
1(5)
51(5)
6.5
1(5)
10
ns
tCLK
Clock Cycle Time
6
7.5
10
15
ns
tCLKH
Clock High Time
2.7
3.5
4.5
6
ns
tCLKL
Clock Low Time
2.7
3.5
4.5
6
ns
tDS
DataSetupTime
2
2.5
3.5
4
ns
tDH
DataHoldTime
0.5
0.5
0.5
1
ns
tENS
EnableSetupTime
2
2.5
3.5
4
ns
tENH
EnableHoldTime
0.5
0.5
0.5
1
ns
tLDS
LoadSetupTime
3
3.5
3.5
4
ns
tLDH
LoadHoldTime
0.5
0.5
0.5
1
ns
tRS
ResetPulseWidth(3)
10
10
10
15
ns
tRSS
ResetSetupTime
15
15
15
15
ns
tRSR
Reset Recovery Time
10
10
10
15
ns
tRSF
ResettoFlagandOutputTime
15
15
15
15
ns
tRTS
RetransmitSetupTime
3
3.5
3.5
4
ns
tOLZ
Output Enable to Output in Low Z(4)
0—
0—
0
0—
ns
tOE
OutputEnabletoOutputValid(5)
14
1(5)
61(5)
61(5)
8ns
tOHZ
Output Enable to Output in High Z(4,5)
14
1(5)
61(5)
61(5)
8ns
tWFF
Write Clock to FF or IR
—4
—5
—6.5
10
ns
tREF
Read Clock to EF or OR
—4
—5
—6.5
10
ns
tPAFA
ClocktoAsynchronousProgrammableAlmost-FullFlag
10
12.5
16
20
ns
tPAFS
WriteClocktoSynchronousProgrammableAlmost-FullFlag
4
5
6.5
10
ns
tPAEA
Clock to Asynchronous Programmable Almost-Empty Flag
10
12.5
16
20
ns
tPAES
Read Clock to Synchronous Programmable Almost-Empty Flag
4
5
6.5
10
ns
tHF
Clock to HF
10
12.5
16
20
ns
tSKEW1
Skew time between RCLK and WCLK for EF/OR and FF/IR
4—
5—
7
9—
ns
tSKEW2
Skew time between RCLK and WCLK for PAE and PAF
5—
7—
10
14
ns


Similar Part No. - 72V2103L15BCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V2103L15BCGI IDT-72V2103L15BCGI Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
72V2103L15BCGI RENESAS-72V2103L15BCGI Datasheet
496Kb / 47P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
logo
Integrated Device Techn...
72V2103L15BCGI8 IDT-72V2103L15BCGI8 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
72V2103L15BCGI8 RENESAS-72V2103L15BCGI8 Datasheet
496Kb / 47P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
More results

Similar Description - 72V2103L15BCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com