Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V291L15PFGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72V291L15PFGI8
Description  3.3 VOLT CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V291L15PFGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72V291L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V291L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V291L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V291L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V291L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V291L15PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72V291L15PFGI8 Datasheet HTML 11Page - Integrated Device Technology 72V291L15PFGI8 Datasheet HTML 12Page - Integrated Device Technology 72V291L15PFGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V281/72V291 3.3V CMOS SUPERSYNC FIFOTM
65,536 x 9 and 131,072 x 9
Figure 4. Programmable Flag Offset Programming Sequence
Figure 3. Offset Register Location and Default Values
NOTES:
1. The programming method can only be selected at Master Reset.
2. Parallel reading of the offset registers is always permitted regardless of which programming method has been selected.
3. The programming sequence applies to both IDT Standard and FWFT modes.
WCLK
RCLK
X
X
XX
X
X
XX
4513 drw 07
LD
0
0
X
1
1
1
0
WEN
0
1
1
0
X
1
1
REN
1
0
1
X
0
1
1
X
SEN
1
1
1
X
X
X
0
Parallel write to registers:
Empty Offset (LSB)
Full Offset (LSB)
Full Offset (MSB)
Parallel read from registers:
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
No Operation
Write Memory
Read Memory
No Operation
Empty Offset (MSB)
Serial shift into registers:
32 bits for the 72V281
Full Offset (LSB)
Parallel read from registers:
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
No Operation
Write Memory
Read Memory
No Operation
Serial shift into registers:
Empty Offset (Mid-Byte)
Full Offset (Mid-Byte)
1 bit for each rising WCLK edge
Starting with Empty Offset (LSB)
Ending with Full Offset (MSB)
Parallel write to registers:
Empty Offset (LSB)
Full Offset (MSB)
Full Offset (Mid-Byte)
Empty Offset (Mid-Byte)
Empty Offset (MSB)
34 bits for the 72V291
1 bit for each rising WCLK edge
Starting with Empty Offset (LSB)
Ending with Full Offset (MSB)
72V281
72V291
EMPTY OFFSET (LSB) REGISTER
87
0
72V281 (65,536 x 9›BIT)
FULL OFFSET (LSB) REGISTER
8
7
0
FULL OFFSET (MSB) REGISTER
87
0
DEFAULT VALUE
7FH if
LD is LOW at Master Reset
FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
00H if
LD is LOW at Master Reset
03H if
LD is HIGH at Master Reset
DEFAULT VALUE
7FH if
LD is LOW at Master Reset
FFH if
LD is HIGH at Master Reset
EMPTY OFFSET (MSB) REGISTER
87
0
DEFAULT VALUE
00H if
LD is LOW at Master Reset
03H if
LD is HIGH at Master Reset
EMPTY OFFSET (LSB) REGISTER
87
0
72V291 (131,072 x 9›BIT)
FULL OFFSET (LSB) REGISTER
87
0
FULL OFFSET (MID-BYTE) REGISTER
8
7
0
DEFAULT VALUE
7FH if
LD is LOW at Master Reset
FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
7FH if
LD is LOW at Master Reset
FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
00H if
LD is LOW at Master Reset
03H if
LD is HIGH at Master Reset
EMPTY OFFSET (MID-BYTE) REGISTER
87
0
DEFAULT VALUE
00H if
LD is LOW at Master Reset
03H if
LD is HIGH at Master Reset
81
0
0H
80
1
DEFAULT
0H
DEFAULT
EMPTY OFFSET
(MSB) REGISTER
FULL OFFSET
(MSB) REGISTER
4513 drw 06


Similar Part No. - 72V291L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V293L10BCG RENESAS-72V293L10BCG Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCG8 RENESAS-72V293L10BCG8 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCGI RENESAS-72V293L10BCGI Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCGI8 RENESAS-72V293L10BCGI8 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10PFG RENESAS-72V293L10PFG Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
More results

Similar Description - 72V291L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com