Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V291L10PFGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72V291L10PFGI8
Description  3.3 VOLT CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V291L10PFGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72V291L10PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V291L10PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V291L10PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V291L10PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V291L10PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V291L10PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V291L10PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72V291L10PFGI8 Datasheet HTML 11Page - Integrated Device Technology 72V291L10PFGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V281/72V291 3.3V CMOS SUPERSYNC FIFOTM
65,536 x 9 and 131,072 x 9
Number of
Words in
FIFO
0
1 to n (1)
0
1 to n (1)
(n+1) to 32,768
32,769 to (65,536-(m+1))
(65,536-m) (2) to 65,535
65,536
72V281
72V291
FF PAF HF PAE EF
HH
HL
L
HH
HL
H
HH
H
H
H
HH
L
H
H
HL
L
H
H
LL
LH
H
4513 drw 05
0
1 to n+1(1)
0
1 to n+1(1)
(n+2) to 65,537
65,538 to (131,073-(m+1))
(131,073-m)
(2)
to 131,072
131,073
IR PAF HF PAE OR
LH
H
L
H
LH
H
L
L
L
H
HHL
LH
L
H
L
LLL
H
L
HL
L
H
L
72V281
72V291
Number of
Words in
FIFO
(n+1) to 65,536
65,537 to (131,072-(m+1))
(131,072-m) (2) to 131,071
131,072
(n+2) to 32,769
32,770 to (65,537-(m+1))
(65,537-m)
(2)
to 65,536
65,537
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
In addition to loading offset values into the FIFO, it also possible to read the
current offset values. It is only possible to read offset values via parallel read.
Figure 4, Programmable Flag Offset Programming Sequence, summa-
rizes the control pins and sequence for both serial and parallel programming
modes. For a more detailed description, see discussion that follows.
The offset registers may be programmed (and reprogrammed) any time
after Master Reset, regardless of whether serial or parallel programming
has been selected.
TABLE 1 ⎯ STATUS FLAGS FOR IDT STANDARD MODE
TABLE 2 ⎯ STATUS FLAGS FOR FWFT MODE


Similar Part No. - 72V291L10PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V293L10BCG RENESAS-72V293L10BCG Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCG8 RENESAS-72V293L10BCG8 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCGI RENESAS-72V293L10BCGI Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10BCGI8 RENESAS-72V293L10BCGI8 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
72V293L10PFG RENESAS-72V293L10PFG Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
More results

Similar Description - 72V291L10PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com